Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U232 Datasheet(PDF) 1 Page - InterFET Corporation

Part # U232
Description  N-Channel Dual Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

U232 Datasheet(HTML) 1 Page - InterFET Corporation

  U232 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8/2014
U232
N-Channel Dual Silicon Junction Field-Effect Transistor
∙ Differencial Amplifier
∙ Low & Maximum Frequency
Amplifier
Absolute maximum ratings at TA = 25
oC
Reverse Gate Source & Gate Drain Voltage
-50V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
300 mW
Power Derating
1.7 mW/
oC
Storage Temperature Range
-65
oC to +150oC
At 25
oC free air temperature
U232
Process NJ16
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown
Voltage
V(BR)GSS
-50
V
IG = -1 uA, VDS = 0 V
Gate Reverse Current
IGSS
-0.1
nA
VGS = -10 V, VDS = 0 V
Gate Source Cutoff Voltage
VGS(OFF)
-0.5
-4.5
V
VDS = 10 V, VGS = 0 V
Drain Saturation Current
(pulsed)
IDSS
0.5
5
mA
VDS = 10 V, VGS = 0 V
Dynamic Electrical Characteristics
Common-Source Forward
Transconductance
gfs
1
3
mS
VDS = 10 V, VGS = 0 V
f = 1 kHz
Common-Source Input
Capacitance
Ciss
6
pF
VDS = 10V, ID = 5 mA
f = 1 MHz
Common-Source Reverse
Transfer Capacitance
Crss
2
pF
VDS = 10 V, ID = 5 mA
f = 1 MHz
Equivalent Short Circuit Input
Noise Voltage
~eN
80
nV/√Hz VDS = 10 V, ID = 5 mA
f = 100 Hz
Matching Characteristics
Min
Max
Units
Test Conditions
Differencial Gate-Source Voltage
(VGS1-VGS2)
10
mV
VDS = 10 V, ID = -10 mA
Differencial Gate Source Voltage
with Temperature
Δ│VGS1-
VGS2│
ΔT
25
μV/°C
VDG = 10 V, ID = 30 μA
www.interfet.com
715 N. Glenville Dr., Ste. 400
Richardson, TX 75089
(972) 238-9700 Fax (972) 238-5338
Surface Mount Version:
SMPU232


Similar Part No. - U232

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
U232 INTERSIL-U232 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
List of Unclassifed Man...
U232 ETC2-U232 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
U232 ETC2-U232 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
TEMIC Semiconductors
U2320B TEMIC-U2320B Datasheet
159Kb / 7P
VHF/UHF Tuner-IC
U2320B-FLG3 TEMIC-U2320B-FLG3 Datasheet
159Kb / 7P
VHF/UHF Tuner-IC
More results

Similar Description - U232

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3958 INTERFET-2N3958 Datasheet
66Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N3954 INTERFET-2N3954 Datasheet
67Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
IFN146 INTERFET-IFN146 Datasheet
89Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN424 INTERFET-IFN424 Datasheet
67Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
IFN5911 INTERFET-IFN5911 Datasheet
71Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
IFN860 NJSEMI-IFN860 Datasheet
348Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
2N3957 INTERFET-2N3957 Datasheet
72Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
2N5911 INTERFET-2N5911 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
2N5912 INTERFET-2N5912 Datasheet
71Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
U430 INTERFET-U430 Datasheet
99Kb / 1P
Dual N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com