Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN25J2R2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # FRN25J2R2
Description  Flame-Proof Fusible Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FRN25J2R2 Datasheet(HTML) 2 Page - Tyco Electronics

  FRN25J2R2 Datasheet HTML 1Page - Tyco Electronics FRN25J2R2 Datasheet HTML 2Page - Tyco Electronics FRN25J2R2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Performance Characteristics
The evaluation of the performance characteristics is carried out with reference to IECQ
specifications QC 400 000 and QC 400 100.
TEST REF
Long Term Tests ±(5% + 0.5 ohm)
4.23
Climatic sequence
4.24
Damp heat, steady state
4.25.1
Endurance at 70 °C
4.25.3
Endurance at 155 °C
TEST REF
Short Term Tests ±(1% + 0.05 ohm)
4.13
Overload
4.16
Robustness of terminations
4.18
Resistance to soldering heat
4.19
Rapid change of temperature
4.22
Vibration
Overload Power
Maximum Fusing Time
16 times rated power
60 seconds
20 times rated power
40 seconds
24 times rated power
30 seconds
28 times rated power
20 seconds
32 times rated power
15 seconds
Mounting
The resistors are suitable for processing on automatic insertion equipment.
Marking
The resistors are marked with a 3 colour band code indicating the value.
The fourth band indicates the multiplier.
The fifth band indicates the tolerance.
Packaging
FRN25, FRN50S and FRN100S are normally supplied taped in 'ammo' boxes of 4,000 pieces.
FRN200S and FRN300S resistors are normally supplied taped in 'ammo' boxes of 1,000 pieces.
Other package styles available on request.
All tape specifications are in accordance with IEC 286-1.
Fusing Characteristics
How to Order
FRN
25
J
1K0
Common Part
25 - 1/4 Watt
50S - 1/2 Watt
100S - 1 Watt
200S - 2 Watts
300S - 3 Watts
Size
J - 5%
Tolerance
Resistance Value
FRN - Fusible
Leaded Resistor
1 ohm
(1 ohm) 1R0
1K ohm
(1000 ohms) 1K0
Literature No. 1773218
Issued: 10-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
Flame-Proof Fusible Resistors
Type FRN Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com