Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # LVS
Description  Sealed Power Inductors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button LVS Datasheet HTML 8Page - List of Unclassifed Manufacturers LVS Datasheet HTML 9Page - List of Unclassifed Manufacturers LVS Datasheet HTML 10Page - List of Unclassifed Manufacturers LVS Datasheet HTML 11Page - List of Unclassifed Manufacturers LVS Datasheet HTML 12Page - List of Unclassifed Manufacturers LVS Datasheet HTML 13Page - List of Unclassifed Manufacturers LVS Datasheet HTML 14Page - List of Unclassifed Manufacturers LVS Datasheet HTML 15Page - List of Unclassifed Manufacturers LVS Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Sealed Power Inductors - LVS Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(KHz)
Tolerance
(±%)
RDC
(mΩ) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVS808040-R90□-N
0.9
100
30
7
13.8(12.42)
8.05(7.24)
R90
LVS808040-1R0□-N
1.0
100
30
7.5
13.0(11.70)
7.95(7.15)
1R0
LVS808040-1R4□-N
1.4
100
30
9
10.8(9.72)
7.8(7.02)
1R4
LVS808040-1R5□-N
1.5
100
30
9.5
10.08(9.07)
7.7(6.93)
1R5
LVS808040-2R0□-N
2.0
100
20, 30
11
9.6(8.64)
7.4(6.66)
2R0
LVS808040-2R2□-N
2.2
100
20, 30
11.5
9.2(8.28)
7.2(6.48)
2R2
LVS808040-2R5□-N
2.5
100
20, 30
13
8.2(7.38)
6.3(5.67)
2R5
LVS808040-3R3□-N
3.3
100
20, 30
15
7.5(6.75)
6.0(5.40)
3R3
LVS808040-4R7□-N
4.7
100
20, 30
18
6.0(5.40)
5.5(4.95)
4R7
LVS808040-5R6□-N
5.6
100
20, 30
23
5.7(5.13)
5.2(4.68)
5R6
LVS808040-6R8□-N
6.8
100
20, 30
25
5.4(4.86)
5.1(4.59)
6R8
LVS808040-100□-N
10
100
20, 30
38
4.3(3.87)
3.8(3.42)
100
LVS808040-120□-N
12
100
20, 30
45
3.8(3.42)
3.5(3.15)
120
LVS808040-150□-N
15
100
20, 30
50
3.6(3.24)
3.2(2.88)
150
LVS808040-180□-N
18
100
20, 30
68
3.1(2.79)
2.7(2.43)
180
LVS808040-220□-N
22
100
20, 30
80
2.8(2.52)
2.6(2.34)
220
LVS808040-330□-N
33
100
20, 30
110
2.3(2.07)
2.0(1.80)
330
LVS808040-470□-N
47
100
20, 30
160
1.9(1.71)
1.75(1.57)
470
LVS808040-680□-N
68
100
20, 30
240
1.7(1.53)
1.45(1.30)
680
LVS808040-101□-N
100
100
20, 30
340
1.4(1.26)
1.10(0.99)
101
LVS808040-121□-N
120
100
20, 30
425
1.1(0.99)
1.0(0.90)
121
LVS808040-151□-N
150
100
20, 30
480
1.0(0.90)
0.9(0.81)
151
LVS808040-221□-N
220
100
20, 30
670
0.94(0.84)
0.60(0.54)
221
LVS808040-271□-N
270
100
20, 30
900
0.83(0.74)
0.55(0.49)
271
LVS808040-821□-N
820
100
20, 30
2800
0.40(0.36)
0.38(0.34)
821
 When ordering, please specify tolerance and packaging codes
 Tolerance: T = ±30% , M = ±20%
 L : Agilent/HP4284A+ Agilent/HP16334A, 100KHz, 1V
 RDC : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat & Irms : Agilent/HP4284A, 100KHz, 1V
 Isat for Inductance drop 30% from its value without current
 Irms for a 40
rise above 25
℃℃ ambient
 Operating temperature range from -55to 125 .
℃ (Including self - temperature rise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com