Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEI201610A-R68M-Q8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HEI201610A-R68M-Q8
Description  Molding Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEI201610A-R68M-Q8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HEI201610A-R68M-Q8 Datasheet HTML 1Page - List of Unclassifed Manufacturers HEI201610A-R68M-Q8 Datasheet HTML 2Page - List of Unclassifed Manufacturers HEI201610A-R68M-Q8 Datasheet HTML 3Page - List of Unclassifed Manufacturers HEI201610A-R68M-Q8 Datasheet HTML 4Page - List of Unclassifed Manufacturers HEI201610A-R68M-Q8 Datasheet HTML 5Page - List of Unclassifed Manufacturers HEI201610A-R68M-Q8 Datasheet HTML 6Page - List of Unclassifed Manufacturers HEI201610A-R68M-Q8 Datasheet HTML 7Page - List of Unclassifed Manufacturers HEI201610A-R68M-Q8 Datasheet HTML 8Page - List of Unclassifed Manufacturers HEI201610A-R68M-Q8 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Molding Power Inductors – HEI Series
HEI Series
Power inductor takes an important part in the efficiency performance
of DC/DC converter, and HEI products is designed to take care of
both PFM and PWM application performance. Therefore, for HEI
product, the Q(Rac) value at light load and the RDC value at heavy
load are both superior to other competitors. Furthermore, the
saturated current performance is also great, so it helps to get the
ripple current lower and enhance the efficiency result.
Features
Applications
 High Efficiency
 Small Sizes in 2.0*1.2*0.8mm
 High Saturated Current
 High Q / Low Rac
 Low Rdc
 Smart phones
 Bluetooth Headsets
 Tablet PCs
 PND
 PC peripheral devices
 DSC, Camcorders
Product Identification
Shape and Dimensions
Recommended Pattern
Dimensions in mm
TYPE
A
B
C
D
201208A
2.0±0.2
1.25±0.2
0.8Max
0.5±0.3
201210A
2.0±0.2
1.25±0.2
1.0Max
0.5±0.3
201610A
2.0±0.2
1.60±0.2
1.0Max
0.5±0.3
252010A
2.5±0.3
2.00±0.3
1.0Max
0.6±0.3
252012A
2.5±0.3
2.00±0.3
1.2Max
0.6±0.3
322510A
3.2±0.3
2.50±0.3
1.0Max
0.5±0.3
322512A
3.2±0.3
2.50±0.3
1.2Max
0.5±0.3
Dimensions in mm
TYPE
A
B
C
201208A
0.8~1.2
2.3~2.9
1.0~1.4
201210A
0.8~1.2
2.3~2.9
1.0~1.4
201610A
0.9
2.0
1.6
252010A
1.2
2.8
2.0
252012A
1.2
2.8
2.0
322510A
1.7
3.2
2.5
322512A
1.7
3.2
2.5


Similar Description - HEI201610A-R68M-Q8

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDM109N SUPERWORLD-SDM109N Datasheet
260Kb / 6P
MOLDING TYPE DIP INDUCTORS
SDM119N SUPERWORLD-SDM119N Datasheet
291Kb / 7P
MOLDING TYPE DIP INDUCTORS
SDM129N SUPERWORLD-SDM129N Datasheet
260Kb / 6P
MOLDING TYPE DIP INDUCTORS
logo
List of Unclassifed Man...
MHSC ETC2-MHSC Datasheet
335Kb / 6P
Molding Power Choke
logo
LinkCom Manufacturing C...
LML0420AA LINKCOM-LML0420AA Datasheet
111Kb / 5P
Molding power Inductors
logo
Shanghai Leiditech Elec...
LHCH252012A LEIDITECH-LHCH252012A Datasheet
790Kb / 6P
This specification applies to Molding power inductors
logo
Shenzhen Codaca Electro...
CSAB1030A CODACA-CSAB1030A Datasheet
1Mb / 10P
Molding Power Choke
07/14/2020
CSAB1040A CODACA-CSAB1040A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
CSAB1250A CODACA-CSAB1250A Datasheet
1Mb / 13P
Molding Power Choke
07/14/2020
logo
Pulse A Technitrol Comp...
BDQQ PULSE-BDQQ Datasheet
536Kb / 3P
Molding Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com