Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCI04012-R22M-R8 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MHCI04012-R22M-R8
Description  Molding Power Choke
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCI04012-R22M-R8 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MHCI04012-R22M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 9Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 10Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 11Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 12Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 13Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Molding Power Choke – MHCC/MHCI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHCI06012-6R8M-R8A
6.8
20
100
2.2
2.8
210
 Irms
DC current (A) that will cause an approximate ΔT of 40℃
 Isat
DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:
WK3260B Impedance / Material Analyzer
Inductance vs DC Current
0
1
2
3
4
5
6
7
8
00.5
1
1.522.5
3
3.544.5
DC Current(A)
6R8
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
01
2
34
5
6
DC Current(A)
6R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com