Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NLC
Description  SMD Wire Wound Ferrite Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NLC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NLC Datasheet HTML 1Page - List of Unclassifed Manufacturers NLC Datasheet HTML 2Page - List of Unclassifed Manufacturers NLC Datasheet HTML 3Page - List of Unclassifed Manufacturers NLC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Wire Wound Ferrite Chip Inductors – NLC Series
Electrical Characteristics
Color Coding
Part Number
Inductance
(uH)
Test
Frequency
(MHz)
Tolerance
(±%)
Q
Min
Test
Frequency
(MHz)
SRF
(MHz) Min
Rdc
(Ω) Max
Idc
(mA)
1
ST
2
ND
3
RD
NLC252018T-1R0
-N
1.0
7.96
10 / 5
25
7.96
300
0.34
1500
Brown
Black
Red
NLC252018T-1R5
-N
1.5
7.96
10 / 5
25
7.96
270
0.42
1400
Brown
Green
Red
NLC252018T-2R2
-N
2.2
7.96
10 / 5
25
7.96
140
0.50
1200
Red
Red
Red
NLC252018T-3R3
-N
3.3
7.96
10 / 5
25
7.96
95
0.65
1000
Orange Orange
Red
NLC252018T-4R7
-N
4.7
7.96
10 / 5
25
7.96
90
0.80
800
Yellow
Violet
Red
NLC252018T-6R8
-N
6.8
7.96
10 / 5
25
7.96
68
1.00
730
Blue
Gray
Red
NLC252018T-100
-N
10
2.52
10 / 5
20
2.52
45
1.50
700
Brown
Black
Orange
NLC252018T-150
-N
15
2.52
10 / 5
20
2.52
40
2.20
500
Brown
Green
Orange
NLC252018T-220
-N
22
2.52
10 / 5
20
2.52
25
2.70
470
Red
Red
Orange
NLC252018T-330
-N
33
2.52
10 / 5
20
2.52
25
4.00
400
Orange Orange Orange
NLC252018T-470
-N
47
2.52
10 / 5
16
2.52
20
8.00
300
Yellow
Violet
Orange
 When ordering, please specify tolerance and packaging codes.
 Tolerance: J = ±5%, K = ±10%
 L /Q:Agilent E4991A + Agilent HP16197A
 SRF: Agilent E4991A
 RDC:CH502BC/ HP4338B
 Idc for Inductance drop 10% from its value without current.
 Operating temperature range from -25℃ to 105℃ (Including self - temperature rise)
Test Instruments:Agilent E4991A Material/Impedance Analyzer
Typical L vs. Frequency
Typical Q vs. Frequency
COLOR CODING
2nd Code
1st Code
3rd Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com