Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHSC06022-1R0M-R8 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MHSC06022-1R0M-R8
Description  Molding Power Choke
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHSC06022-1R0M-R8 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MHSC06022-1R0M-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHSC06022-1R0M-R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHSC06022-1R0M-R8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHSC06022-1R0M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHSC06022-1R0M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHSC06022-1R0M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Molding Power Choke – MHSC Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHSC08036-R22M-R8
0.22
20
100
23
40
1.6
MHSC08036-R33M-R8
0.33
20
100
20
38
2.5
Irms DC current (A) that will cause an approximate ΔT of 40℃
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
0.1
0.2
0.3
0.4
0.5
0
1020
3040
50
DC Current (A)
R22
R33
Temperature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
DC Current (A)
R22
R33



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com