Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBCB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SBCB
Description  SMD Data Line EMI Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBCB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SBCB Datasheet HTML 1Page - List of Unclassifed Manufacturers SBCB Datasheet HTML 2Page - List of Unclassifed Manufacturers SBCB Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Data Line EMI Filter – SBCB Series
Packaging Specifications
Tape Dimensions
Tape Material
Reel Dimensions
Dimensions in mm
Tape Dimensions
Reel Dimensions
Quantity
TYPE
W
E
F
P0
P2
A0
B0
K0
t
A
B
C
D
PCS / Reel
SBCB1104
24
1.75
11.5
4
2
12.4
15.5
9.1
0.36
330
100
24.4
2.4
350
Blank
330m m M IN .
Leader
C hip M ounting
Part
160m m M IN .
Blank Part
C over T ape
C arrier tape: Polystyrene
C over type: Polyethyiene
Carrier tape : Black Conductive Polystyrene – Alloy
Cover type : Black Conductive Polystyrene – Alloy



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com