Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SCD
Description  SMD Unshielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SCD Datasheet HTML 1Page - List of Unclassifed Manufacturers SCD Datasheet HTML 2Page - List of Unclassifed Manufacturers SCD Datasheet HTML 3Page - List of Unclassifed Manufacturers SCD Datasheet HTML 4Page - List of Unclassifed Manufacturers SCD Datasheet HTML 5Page - List of Unclassifed Manufacturers SCD Datasheet HTML 6Page - List of Unclassifed Manufacturers SCD Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD Unshielded Power Inductors - SCD Series
Standard Specifications
RDC (Ω) Max
Stamp
Inductance
(
H)
SCD
03011
SCD
03015
SCD
03021
SCD
0403
SCD
0501
SCD
0502
SCD
0503
SCD
0504
SCD
0506
SCD
0703
SCD
0705
SCD
0706
SCD
1004
SCD
1005
SCD
1006
R15
0.15
0.0085
1R0
1.0
0.084
0.07
0.033
0.034
0.03
0.03
1R2
1.2
0.03
1R4
1.4
0.09
0.038
0.048
0.04
0.02
1R5
1.5
0.126
0.03
1R8
1.8
0.11
0.042
0.062
0.05
0.03
0.02
2R2
2.2
0.18
0.10±30%
0.13
0.047
0.064
0.06
0.03
2R7
2.7
0.14
0.052
0.078
0.07
0.04
0.02
3R3
3.3
0.27
0.17
0.058
0.097
0.08
0.05
3R9
3.9
0.32
0.19
0.076
0.105
0.09
0.06
0.03
4R7
4.7
0.33
0.15±30%
0.21
0.094
0.134
0.14
0.07
0.04
0.040
5R6
5.6
0.48
0.22
0.101
0.170
0.15
0.08
0.04
6R8
6.8
0.56
0.25
0.117
0.187
0.16
0.09
0.04
0.037
8R2
8.2
0.62
0.28
0.132
0.225
0.17
0.10
0.05
100
10
0.90
0.30±30%
0.32
0.182
0.255
0.18
0.12
0.10
0.08
0.07
0.05
0.060
120
12
1.00
0.35
0.210
0.292
0.20
0.13
0.12
0.09
0.08
0.06
0.070
150
15
1.10
0.58±30%
0.40
0.235
0.360
0.22
0.15
0.14
0.10
0.09
0.08
0.07
0.080
180
18
1.24
0.48
0.338
0.430
0.25
0.22
0.15
0.11
0.10
0.08
0.090
220
22
1.40
0.71±30%
0.58
0.378
0.492
0.35
0.22
0.18
0.165
0.13
0.11
0.09
0.100
270
27
2.18
0.65
0.522
0.603
0.45
0.26
0.20
0.15
0.12
0.10
0.110
330
33
2.54
1.10±30%
0.80
0.540
0.796
0.56
0.33
0.23
0.17
0.13
0.14
0.12
0.120
390
39
2.80
0.90
0.587
0.897
0.69
0.42
0.32
0.22
0.16
0.15
0.140
470
47
3.10
1.30±30%
1.19
0.844
1.020
0.72
0.50
0.37
0.25
0.18
0.17
0.170
500
50
3.20
1.22
1.040
560
56
3.50
1.27
0.937
1.164
0.84
0.55
0.42
0.28
0.24
0.20
0.190
680
68
5.80
2.20±30%
1.73
1.117
1.220
0.90
0.65
0.46
0.33
0.28
0.22
0.220
750
75
6.10
1.90
1.340
820
82
6.60
1.99
1.570
1.20
0.80
0.60
0.41
0.37
0.30
0.25
101
100
3.50±30%
2.52
2.000
1.800
1.30
0.90
0.70
0.48
0.43
0.34
0.35
121
120
2.90
1.800
2.000
1.38
1.00
0.93
0.54
0.47
0.40
0.40
151
150
3.36
2.800
2.80
1.81
1.30
1.10
0.75
0.64
0.54
0.47
181
180
5.10
3.200
3.15
1.95
1.50
1.38
1.02
0.71
0.62
0.63
221
220
5.80
4.000
4.40
3.00
2.00
1.57
1.20
0.96
0.72
0.73
271
270
7.80
6.40
3.20
2.50
1.85
1.31
1.11
0.95
0.97
301
300
6.75
331
330
5.850
7.20
3.82
3.20
2.00
1.50
1.26
1.10
1.15
391
390
8.40
4.68
3.50
2.60
1.77
1.24
1.30
461
460
12.0
471
470
12.4
5.10
4.20
3.00
1.96
1.53
1.48
561
560
13.0
8.50
4.50
4.19
1.90
1.90
681
680
10.0
6.50
4.44
2.25
821
820
12.0
7.50
5.12
2.55
102
1000
18.0
8.00
10.00
122
1200
152
1500
602
6000
14
822
8200
50
Test Freq.(L):
SCD03011: (100KHz/1V)
SCD03015: (1MHz/1V)
SCD03021/0403/0501/0502/ 0503: 0.15 ~ 8.2
H(7.96MHz/1V), 10 ~ 82H (2.52MHz/1V), 100 ~ 1000H (1KHz/1V).
SCD0504/0506/0703/0705/0706/1004: 1.0 ~ 8.2
H(7.96MHz/1V), 10 ~ 82H (2.52MHz/1V), 100 ~ 1000H (1KHz/1V).
SCD1005/1006: 1.0 ~ 8.2
H(7.96MHz/1V), 10 ~ 82H (2.52MHz/1V), 100 ~ 1000H (1KHz/1V).
Test Instrument:
L: Agilent/ E4980 or HP4284A (over 1MHz), HP4285A (under 1MHz)
DCR: CH502BC ; Rated D.C. Current: HP4284+42841A or WK3260B+WK3265B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com