Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD03021 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SCD03021
Description  SMD Unshielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCD03021 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SCD03021 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCD03021 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCD03021 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCD03021 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCD03021 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCD03021 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCD03021 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMD Unshielded Power Inductors - SCD Series
Test Instruments:HP4294A Impedance / Material Analyzer
SCD0705
SCD1004
SCD1005
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
0
100
200
300
400
500
600
700
800
1
10
100
1000
10000
FREQUENCY (KHz)
47uH
100uH
220uH
INDUCTANCE vs. IDC CHARACTERISTICS
0
50
100
150
200
250
300
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
IDC(A)
47uH
100uH
220uH
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
0
100
200
300
400
500
600
1
100
10000
FREQUENCY (KHz)
68uH
100uH
150uH
INDUCTANCE vs. IDC CHARACTERISTICS
0
20
40
60
80
100
120
140
160
00.511.522.533.5
IDC (A)
68uH
100uH
150uH
INDUCTANCE vs. FREQUENCY CHARACTERISTICS
0
500
1000
1500
2000
2500
3000
3500
1
10
100
1000
10000
FREQUENCY (KHz)
470uH
150uH
680uH
INDUCTANCE vs. IDC CHARACTERISTICS
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
IDC(A)
680uH
150uH
470uH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com