Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDS2D11 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SCDS2D11
Description  SMD Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCDS2D11 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SCDS2D11 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCDS2D11 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCDS2D11 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCDS2D11 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCDS2D11 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Shielded Power Inductors - SCDS Series
Standard Specifications
RDC (mΩ) Max
Stamp
Inductance
(
H)
SCDS
2D11
SCDS
2D14
SCDS
2D18LD
SCDS
2D18HP
SCDS
3D11
SCDS
3D11HP
SCDS
3D16
SCDS
3D28
SCDS
3D28LD
R60
0.6
59
1R0
1.0
40
1R2
1.2
82
1R5
1.5
68
63
104
52
1R7
1.7
44
1R8
1.8
75
2R2
2.2
98
94
41
60
143
72
2R7
2.7
106
78
3R3
3.3
123
125
54
86
182
85
72.1
3R9
3.9
138
4R7
4.7
170
169
78
140
123
234
105
88.3
5R6
5.6
188
135
6R3
6.3
160
6R8
6.8
260
213
106
180
377
170
119
8R2
8.2
281
204
100
10
400
294
180
245
240
413
210
145
95
120
12
394
276
585
100
150
15
220
345
372
653
295
213
115
180
18
468
888
125
220
22
320
540
1010
430
335
145
270
27
726
175
330
33
460
822
675
481
215
390
39
942
225
470
47
660
599
305
560
56
325
680
68
470
820
82
540
101
100
2750
610
121
120
755
151
150
880
181
180
1130
221
220
1270
Test Freq. (L):
SCDS 2D11/ 2D14/ 2D18LP/2D18HP/3D11/3D11HP/3D28/3D28LD (100KHz/ 1V)
SCDS 3D16 (100KHz/ 0.1V)
Other type:
Rated current: Isat DC current (A) that will cause L to drop approximately 35% of it’s nominal value or D.C. current when the
temperature rising △t=40°C lower, whichever is lower.
Test Instrument:
L: Agilent/ E4980 or HP4284A
RDC: CH502BC
Rated Current: HP4284+42841A or WK3260B+WK3265B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com