Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCD201612A-R68M-A8S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MHCD201612A-R68M-A8S
Description  Molding Power Choke
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCD201612A-R68M-A8S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MHCD201612A-R68M-A8S Datasheet HTML 1Page - List of Unclassifed Manufacturers MHCD201612A-R68M-A8S Datasheet HTML 2Page - List of Unclassifed Manufacturers MHCD201612A-R68M-A8S Datasheet HTML 3Page - List of Unclassifed Manufacturers MHCD201612A-R68M-A8S Datasheet HTML 4Page - List of Unclassifed Manufacturers MHCD201612A-R68M-A8S Datasheet HTML 5Page - List of Unclassifed Manufacturers MHCD201612A-R68M-A8S Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCD201612A-R68M-A8S Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCD201612A-R68M-A8S Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCD201612A-R68M-A8S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Molding Power Choke – MHCD Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms(A)
Isat(A)
RDC(mΩ)
Part Number
(uH)
(±%)
(MHz)
Max(Typ)
Max(Typ)
Max(Typ)
MHCD252012A-R33M-A8S
0.33
20
2
4.0(4.6)
6.8(8.5)
35(27)
MHCD252012A-R47M-A8S
0.47
20
2
3.7(4.4)
6.2(7.8)
39(29)
MHCD252012A-R68M-A8S
0.68
20
2
3.3(3.7)
5.5(6.5)
46(40)
MHCD252012A-1R0M-A8S
1.0
20
2
3.0(3.5)
4.0(5.0)
59(45)
MHCD252012A-1R5M-A8S
1.5
20
2
2.5(2.7)
3.4(4.0)
70(62)
MHCD252012A-2R2M-A8S
2.2
20
2
2.0(2.3)
3.3(3.8)
115(102)
MHCD252012A-3R3M-A8S
3.3
20
2
1.8(2.1)
2.5(2.8)
158(143)
MHCD252012A-4R7M-A8S
4.7
20
2
1.7(2.1)
2.1(2.7)
240(200)
Irms DC current (A) that will cause an approximate ΔT of 40℃.
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M = ±20%
L : Agilent E4991A/HP4287A+16197A, 2MHz 0.2V
Rdc : CHEN HWA502
Isat : Agilent E4980A+HP42841A
Irms : Agilent 6641 SYSTEM DC POWER SUPPLY
Operating temperature range from -40℃ to 125℃. (Including self - temperature rise)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance v.s DC Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
00.51 1.522.53 3.544.555.5 66.577.5 8 8.59
DC Current(A)
R33
R47
R68
1R0
1R5
2R2
4R7
3R3
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
00.511.522.533.5
44.555.566.57
DC Current(A)
R33
R47
R68
1R0
1R5
2R2
4R7 3R3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com