Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDS2D18LD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SCDS2D18LD
Description  SMD Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCDS2D18LD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SCDS2D18LD Datasheet HTML 1Page - List of Unclassifed Manufacturers SCDS2D18LD Datasheet HTML 2Page - List of Unclassifed Manufacturers SCDS2D18LD Datasheet HTML 3Page - List of Unclassifed Manufacturers SCDS2D18LD Datasheet HTML 4Page - List of Unclassifed Manufacturers SCDS2D18LD Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Shielded Power Inductors - SCDS Series
Standard Specifications
Rated Current (A)
Stamp
Inductance
(
H)
SCDS
2D11
SCDS
2D14
SCDS
2D18LD
SCDS
2D18HP
SCDS
3D11
SCDS
3D11HP
SCDS
3D16
SCDS
3D28
SCDS
3D28LD
R60
0.6
2.90
1R0
1.0
1.60
1R2
1.2
2.00
1R5
1.5
0.90
1.80
1.85
1.55
1R7
1.7
1.85
1R8
1.8
1.65
2R2
2.2
0.78
1.50
0.85
1.60
1.60
1.20
2R7
2.7
1.35
0.53
3R3
3.3
0.60
1.20
0.75
1.45
1.25
1.10
2.00
3R9
3.9
1.10
4R7
4.7
0.50
1.00
0.63
1.20
0.40
1.00
0.90
1.65
5R6
5.6
0.95
0.80
6R3
6.3
1.05
6R8
6.8
0.44
0.85
0.52
0.34
0.85
0.73
1.24
8R2
8.2
0.80
0.32
100
10
0.35
0.70
0.43
0.85
0.28
0.80
0.55
1.05
0.50
120
12
0.62
0.25
0.64
0.45
150
15
0.35
0.70
0.23
0.58
0.45
0.90
0.40
180
18
0.21
0.52
0.35
220
22
0.30
0.19
0.45
0.40
0.76
0.33
270
27
0.17
0.29
330
33
0.24
0.15
0.32
0.58
0.28
390
39
0.14
0.25
470
47
0.20
0.48
0.23
560
56
0.20
680
68
0.185
820
82
0.172
101
100
0.13
0.160
121
120
0.136
151
150
0.124
181
180
0.119
221
220
0.116
Tolerance Of Inductors
 SCDS 2D11
1.5 ~ 10uH ± 30%
 SCDS3D11
2.7 ~ 39 uH ± 30%
 SCDS 2D14
1.5 ~ 12
H ± 30%
 SCDS3D11HP
0.6 ~ 22 uH ± 30%
 SCDS 2D18LD
2.2 ~ 47
H ± 30%
 SCDS3D16
1.0 ~ 100 uH ± 30%
 SCDS 2D18HP
1.7 ~ 15
H ± 30%
 SCDS3D28
3.3 ~ 47 uH ± 30%
 Tolerance: M = ±20% , T = ±30% , N =
+40
-20%
 SCDS3D28LD
10 ~ 220 uH ± 30%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com