Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHCD252010A-R24M-A8S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MHCD252010A-R24M-A8S
Description  Molding Power Choke
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHCD252010A-R24M-A8S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MHCD252010A-R24M-A8S Datasheet HTML 1Page - List of Unclassifed Manufacturers MHCD252010A-R24M-A8S Datasheet HTML 2Page - List of Unclassifed Manufacturers MHCD252010A-R24M-A8S Datasheet HTML 3Page - List of Unclassifed Manufacturers MHCD252010A-R24M-A8S Datasheet HTML 4Page - List of Unclassifed Manufacturers MHCD252010A-R24M-A8S Datasheet HTML 5Page - List of Unclassifed Manufacturers MHCD252010A-R24M-A8S Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCD252010A-R24M-A8S Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCD252010A-R24M-A8S Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCD252010A-R24M-A8S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Molding Power Choke – MHCD Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms(A)
Isat(A)
RDC(mΩ)
Part Number
(uH)
(±%)
(MHz)
Max(Typ)
Max(Typ)
Max(Typ)
MHCD252010A-R24M-A8S
0.24
20
2
4.5(5.0)
7.5(9.5)
40(24)
MHCD252010A-R47M-A8S
0.47
20
2
3.1(3.6)
5.2(6.5)
46(36)
MHCD252010A-R68M-A8S
0.68
20
2
2.9(3.3)
3.8(5.0)
65(49)
MHCD252010A-1R0M-A8S
1.0
20
2
2.5(3.0)
3.4(4.3)
78(60)
MHCD252010A-1R5M-A8S
1.5
20
2
2.2(2.9)
3.2(4.0)
105(82)
MHCD252010A-2R2M-A8S
2.2
20
2
1.4(1.8)
2.6(3.2)
156(130)
Irms DC current (A) that will cause an approximate ΔT of 40℃.
Isat DC current (A) that will cause L to drop approximately 30%
Tolerance:M = ±20%
L : Agilent E4991A/HP4287A+16197A, 2MHz 0.2V
Rdc : CHEN HWA502
Isat : Agilent E4980A+HP42841A
Irms : Agilent 6641 SYSTEM DC POWER SUPPLY
Operating temperature range from -40℃ to 125℃. (Including self - temperature rise)
Test Instruments:E4991A Impedance / Material Analyzer
Inductance v.s DC Current
0.0
0.5
1.0
1.5
2.0
2.5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5
DC Current(A)
2R2
1R5
1R0
R68
R47
R24
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
0
0.5 1
1.5 2
2.5 3
3.5
4 4.5
5 5.5
6 6.5
7 7.5
8
DC Current(A)
R47
R68
1R0
1R5
2R2
R24



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com