Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD0705 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SCD0705
Description  SMD Unshielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCD0705 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SCD0705 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCD0705 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCD0705 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCD0705 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCD0705 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCD0705 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCD0705 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMD Unshielded Power Inductors - SCD Series
Standard Specifications
Isat (A) Max
Stamp
Inductance
(
H)
SCD
03011
SCD
03015
SCD
03021
SCD
0403
SCD
0501
SCD
0502
SCD
0503
SCD
0504
SCD
0506
SCD
0703
SCD
0705
SCD
0706
SCD
1004
SCD
1005
SCD
1006
R15
0.15
7.5
1R0
1.0
1.80
2.080
3.80
4.00
4.50
4.50
1R2
1.2
4.20
1R4
1.4
1.860
3.30
3.60
4.00
3.70
1R5
1.5
1.44
4.10
1R8
1.8
1.800
2.91
3.00
3.30
3.70
3.70
2R2
2.2
1.26
0.79
1.390
2.60
2.65
2.94
3.50
2R7
2.7
1.320
2.43
2.20
2.50
3.20
3.70
3R3
3.3
1.08
1.250
2.15
2.11
2.35
2.80
3R9
3.9
1.00
1.200
1.98
2.00
2.20
2.60
3.70
4R7
4.7
0.90
0.65
1.130
1.70
1.80
2.00
2.50
3.50
2.60
5R6
5.6
0.76
0.910
1.60
1.60
1.80
2.40
3.30
6R8
6.8
0.68
0.850
1.41
1.50
1.70
2.20
3.10
4.33
8R2
8.2
0.63
0.820
1.26
1.30
1.40
2.00
2.70
100
10
0.56
0.45
0.740
1.15
1.10
1.20
1.80
1.44
1.44
2.30
2.38
2.60
120
12
0.52
0.640
1.05
1.05
1.18
1.75
1.40
1.39
2.00
2.13
2.45
150
15
0.50
0.30
0.600
0.92
1.00
1.15
1.70
1.30
1.24
1.80
2.8
1.87
2.27
180
18
0.46
0.540
0.84
0.95
1.10
1.60
1.23
1.12
1.60
1.73
2.15
220
22
0.36
0.25
0.500
0.76
0.90
1.00
1.50
1.11
1.6
1.07
1.50
1.60
1.95
270
27
0.30
0.430
0.71
0.77
0.86
1.40
0.97
0.94
1.30
1.44
1.76
330
33
0.28
0.20
0.400
0.64
0.68
0.76
1.10
0.88
0.85
1.20
2.3
1.26
1.50
390
39
0.26
0.370
0.59
0.67
0.75
1.00
0.80
0.74
1.10
1.20
1.37
470
47
0.25
0.17
0.360
0.54
0.66
0.73
0.90
0.72
0.68
1.10
1.10
1.28
500
50
0.24
0.330
0.61
560
56
0.23
0.310
0.50
0.50
0.55
0.85
0.68
0.64
0.94
1.01
1.17
680
68
0.20
0.13
0.300
0.46
0.47
0.52
0.80
0.61
0.59
0.85
0.91
1.11
750
75
0.18
0.290
0.46
820
82
0.17
0.280
0.45
0.50
0.65
0.58
0.54
0.78
0.85
1.00
101
100
0.10
0.250
0.40
0.36
0.40
0.60
0.52
0.51
0.72
0.74
0.97
121
120
0.200
0.38
0.32
0.36
0.58
0.48
0.49
0.66
0.69
0.89
151
150
0.190
0.30
0.270
0.30
0.43
0.40
0.40
0.58
0.61
0.78
181
180
0.170
0.25
0.230
0.26
0.41
0.38
0.36
0.51
0.56
0.72
221
220
0.160
0.15
0.220
0.25
0.38
0.35
0.31
0.49
0.53
0.66
271
270
0.140
0.190
0.21
0.35
0.29
0.29
0.42
0.45
0.57
301
300
0.180
331
330
0.21
0.16
0.18
0.28
0.28
0.28
0.40
0.42
0.52
391
390
0.150
0.16
0.26
0.26
0.36
0.38
0.48
461
460
0.140
471
470
0.135
0.15
0.20
0.12
0.34
0.35
0.42
561
560
0.130
0.14
0.19
0.10
0.32
0.33
681
680
0.13
0.18
0.08
0.28
821
820
0.07
0.15
0.05
0.24
102
1000
0.05
0.13
0.03
122
1200
152
1500
602
6000
0.27
822
8200
0.20
Tolerance Of Inductors
 SCD03011
1.0 ~ 82
H ± 20%
 SCD0506
22
H ± 20%
 SCD03015
2.2 ~ 100
H ± 20%
 SCD0703
10 ~ 27
H ± 20%
33 ~ 330
H ±10%
 SCD03021
1.0 ~ 270
H ± 20%
 SCD0705
1.4 ~ 27
H ± 20%
33 ~ 470
H ±10%
 SCD0403
0.15 ~ 27
H ± 20%
33 ~ 100
H ±10%
 SCD0706
15
H ± 20%
33
H ±10%
 SCD0501
1.0 ~ 27
H ± 20%
33 ~ 560
H ±10%
 SCD1004
10 ~ 27
H ± 20%
33 ~ 560
H ±10%
 SCD0502
1.0 ~ 27
H ± 20%
33 ~ 1000
H ±10%
 SCD1005
4.7 ~ 27
H ± 20%
33 ~ 820
H ±10%
 SCD0503
1.0 ~ 27
H ± 20%
33 ~ 1000
H ±10%
 SCD1005
4.7 ~ 27uH ± 20%
33 ~820uH ± 10%
 SCD0504
1.0~27
H±20% 33~47H ±15%
56~1000
H±10%
 SCD1006
6000
H ~8200H±20%
Tolerance: K = ±10% , M = ±20%
※ This indicates the value of current when the inductance is 10% lower than its initial value at D.C superposition or D.C current when at
t = 40°
whichever is lower



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com