Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1004 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCD1004
Description  SMD Unshielded Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCD1004 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCD1004 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCD1004 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMD Unshielded Power Inductors - SCD Series
SCD Series
Various high power surface mountable type inductors provide superior
high saturation. The magnetic shielding also protects against radiation.
Features
Applications
 RoHS compliant
 High saturation open type wire wound power inductor
 Suitable for large currents
 Ideal for DC – DC converter applications
 Available on tape and reel for auto surface mounting
 Power supply for VTRs
 OA equipment
 LCD televisions
 Notebook PCs
 Portable communication devices
 DC / DC converters, etc
Product Identification
 Packaging: T:Tape and Reel
Shape and Dimensions
SCD 03011 ~ 1006
SCD 1307
Dimensions in mm
TYPE
A
B
C
D
SCD 03011
3.5 ± 0.3
3.0 ± 0.3
1.1 ± 0.3
1.0 Typ.
SCD 03015
3.3 ± 0.3
3.0 ± 0.3
1.5 ± 0.3
1.0 Typ.
SCD 03021
3.3 ± 0.3
3.0 ± 0.3
2.1 ± 0.3
1.0 Typ.
SCD 0403
4.5 ± 0.3
4.0 ± 0.3
3.2 ± 0.3
1.2
SCD 0501
5.8 ± 0.3
5.2 ± 0.3
2.2
+0
2.0 Typ.
SCD 0502
5.8 ± 0.3
5.2 ± 0.3
2.5 ± 0.3
2.0 Typ.
SCD 0503
5.8 ± 0.3
5.2 ± 0.3
3 ± 0.3
2.0 Typ.
SCD 0504
5.8 ± 0.3
5.2 ± 0.3
4.5 ± 0.4
1.3
SCD 0506
5.8 ± 0.3
5.2 ± 0.3
6.0 ± 0.4
1.3
SCD 0703
7.8 ± 0.3
7.0 ± 0.3
3.5 ± 0.3
2.1
SCD 0705
7.8 ± 0.3
7.0 ± 0.3
5.0 ± 0.3
2.1
SCD 0706
7.8 ± 0.3
7.0 ± 0.3
6.0 ± 0.3
2.1
SCD 1004
10.0 ± 0.3
9.0 ± 0.3
4.0 ± 0.5
2.1
SCD 1005
10.0 ± 0.4
9.0 ± 0.4
5.4 ± 0.4
2.1
SCD 1006
10.0 ± 0.4
9.0 ± 0.4
6.5 ± 0.4
2.1
SCD 1307
13.0 ± 0.5
13.0 ± 0.5
7.0 ± 0.3
5 Typ.
Recommended Pattern
SCD 1307
Dimensions in mm
Dim
A
B
C
1307
14
4.5
14
SCD03011~SCD1006
Dimensions in mm
Dim
SCD
03011
SCD
03015
SCD
03021
SCD
0403
SCD
0501
SCD
0502
SCD
0503
SCD
0504
SCD
0506
SCD
0703
SCD
0705
SCD
0706
SCD
1004
SCD
1005
SCD
1006
A
4.5
4.5
4.5
5.5
6.8
6.8
6.8
6.8
6.8
8.8
8.8
8.8
11
11
11
B
1.5
1.0
1.0
1.2
2.0
2.0
2.0
1.3
1.3
2.1
2.1
2.1
2.1
2.1
2.1
A
B
PAD LAYOUT
A
C
A
B


Similar Part No. - SCD1004

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
SCD100A32 FARADAY-SCD100A32 Datasheet
97Kb / 2P
TCD WIDEBAND DELAY LINE MODULES
SCD100B24 FARADAY-SCD100B24 Datasheet
97Kb / 2P
TCD WIDEBAND DELAY LINE MODULES
More results

Similar Description - SCD1004

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
SMD Power Inductors Unshielded
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
SMD Power Inductors Unshielded
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
UNSHIELDED SMD POWER INDUCTORS
logo
List of Unclassifed Man...
SSL ETC2-SSL Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
SMD Unshielded Power Inductors
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
Unshielded SMD Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
SMD Unshielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com