Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SLPS
Description  SMD Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLPS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SLPS Datasheet HTML 1Page - List of Unclassifed Manufacturers SLPS Datasheet HTML 2Page - List of Unclassifed Manufacturers SLPS Datasheet HTML 3Page - List of Unclassifed Manufacturers SLPS Datasheet HTML 4Page - List of Unclassifed Manufacturers SLPS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Shielded Power Inductors – SLPS Series
Standard Specifications
Part Number
Inductance
(
H)
Tolerance
(±%)
Test
Frequency
(KHz)
RDC
(mΩ)Max
Isat
(A)
Irms
(A)
SLPS5020-1R0T-N
1.0
30
100
30.0
3.80
4.50
SLPS5020-1R5T-N
1.5
30
100
35.0
3.20
4.50
SLPS5020-2R0T-N
2.0
30
100
45.0
3.00
3.70
SLPS5020-3R3T-N
3.3
30
100
56.6
2.40
2.60
SLPS5020-4R7T-N
4.7
30
100
94.0
2.20
2.15
SLPS5020-6R8T-N
6.8
30
100
118
1.80
1.90
SLPS5020-8R2T-N
8.2
30
100
126
1.60
1.68
SLPS5020-100M-N
10
20
100
160
1.60
1.50
SLPS5020-150M-N
15
20
100
240
1.10
1.46
SLPS5020-220M-N
22
20
100
350
0.78
0.95
SLPS5020-330M-N
33
20
100
480
0.66
0.80
SLPS5020-470M-N
47
20
100
720
0.54
0.68
 Test Freq.(L): 100KHz , 1V
 Tolerance: M = ±20% / T = ±30%
 Isat: Inductance drop ≦ 30%
 Irms : current when the temperature rising △T:40℃ Typ.
 Rated DC Current: The less value whith is Isat or Irms.
 Test Instrument: L: Agilent/HP 4284A + Agilent/HP 16334A
RDC: Digital Milliohm Meter Chroma 16502, or equivalent
Isat: HP4284+42841A
Irms: Agilent 6641 SYSTEM DC POWER SUPPLY
Inductance vs. Frequency Characteristics
1R0
3R3
6R8
100
220
330
470
150
0
20
40
60
80
100
120
0.001
0.01
0.1
1
10
100
1000
FREQUENCY(MHz)
Inductance vs. DC Current
1R0
3R3
6R8
100
220
330
470
150
0
5
10
15
20
25
30
35
40
45
50
55
0
1
234
5
6
78
DC Current(A)
Tem perature Change vs. DC Current
1R0
3R3
6R8
100
220
330
470
150
0
10
20
30
40
50
60
01
23
4
5
6
DC Current(A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com