Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-HC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSL-HC
Description  SMD Unshielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSL-HC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSL-HC Datasheet HTML 1Page - List of Unclassifed Manufacturers SSL-HC Datasheet HTML 2Page - List of Unclassifed Manufacturers SSL-HC Datasheet HTML 3Page - List of Unclassifed Manufacturers SSL-HC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Unshielded Power Inductors – SSL-HC Series
SSL-HC Series
This series is specially designed for high current, low voltage DC-DC
converter applications. Its simple, rugged design provides current
ratings normally available in larger packages. With tinned self-leaded
construction, SSL-HC series can achieve very low DCR values and
excellent solderability. In addition, they have very low resistance.
Standard parts shown in catalogue and custom values are also
available.
Features
Applications
 RoHS compliant
 For high current, low voltage DC-DC converter applications
 Notebook computers
 step-up and step-down converters
 memory programmers, etc
Product Identification
 Packaging: T:Tape and Reel , B:Bulk
Shape and Dimension
Recommended Pattern
SSL0503HC
Dimension in mm
A
B
C
D
8.89
+0
6.10
+0
5.00
+0
5.84
Dimension in mm
A
B
C
D
1.91
4.06
8.89
5.08
SSL0804HC
Dimension in mm
A
B
C
13.21
+0
9.91
+0
6.35
+0
Dimension in mm
A
B
C
D
1.52
4.06
11.68
8.64


Similar Part No. - SSL-HC

ManufacturerPart #DatasheetDescription
logo
SICK AG
SSL-080J-G03MACR SICK-SSL-080J-G03MACR Datasheet
255Kb / 3P
Plug connector cable
SSL-080J-G20ME SICK-SSL-080J-G20ME Datasheet
257Kb / 4P
Plug connector cable
SSL-0J08-G01M5ES01 SICK-SSL-0J08-G01M5ES01 Datasheet
206Kb / 3P
Plug connector cable
SSL-0J08-G03MES01 SICK-SSL-0J08-G03MES01 Datasheet
206Kb / 3P
Plug connector cable
SSL-0J08-G05MACR SICK-SSL-0J08-G05MACR Datasheet
255Kb / 3P
Plug connector cable
More results

Similar Description - SSL-HC

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
SMD Power Inductors Unshielded
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
UNSHIELDED SMD POWER INDUCTORS
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
SMD Unshielded Power Inductors
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
Unshielded SMD Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
SMD Unshielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com