Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5655F3 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5655F3
Description  T-1 Right Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5655F3 Datasheet(HTML) 1 Page - Visual Communications Company

  5655F3 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Electro-Optical Characteristics and Ratings
Features
• Tape and reel for automatic assembly to PC boards-meets EIA STD RS-468.
• T-1 size lamp-preassembled into plastic block, height and spacing alignment saves assembly time/cost.
• High contrast ratio.
• Standoffs prevent flux entrapments.
• Standard reel quantity 750 pcs.
Housing: Black plastic, meets UL 94V-O
Note: Alternate LEDs are also available in this package as a standard variation.
5655 Series T-1 Right Angle LED Assembly
Description and Features
585
562
603
650
3.0
3.0
3.0
3.0
2.1
2.2
2.2
2.0
5
5
5
5
30
30
30
30
Y ellow
G reen
Amber
R ed
(V)
Max.
(V)
T yp.
C ontinuous
F orward
C urrent Max.
(mA)
R everse
B reakdown
Voltage Min.
(V)
(nm)
Wavelength
P eak
F orward Voltage
E mitted
C olor
P art Number
5655F1
5655F3
5655F5
5655F7
T ypical
Intensity
(mcd)
10
7
16
6.3
10
10
10
10
R ated
C urrent
(mA)
18.4/22.6
+/-.3
12.7
+1 -.5
18
P AR T T O T AP E
HOLE P IT C H
T AP E WIDT H
3
2
1
T OL.
DIM.(mm)
DE S C R IP T ION
NUMB E R
All dimensions in inches.
Ø .
13" R E F .
SE E # 2
SE E # 3
SE E # 1
.550
1.500
SE E # 4
4
C E N. T O C E N. P OS IT ION
6.3
+/-1.3
ANODE(+)
.180
R E F .
.100
R E F .
.200
.290
.700 R E F .
.115±.015
.190
.160
T Y P .
.018 S Q.
(+)
ANODE
R EE L


Similar Part No. - 5655F3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5655F3 CML-5655F3 Datasheet
26Kb / 1P
T-1 Right Angle LED Assembly
More results

Similar Description - 5655F3

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5322F1 CML-5322F1 Datasheet
28Kb / 1P
T-1 Right Angle LED Assembly
5600F1 CML-5600F1 Datasheet
23Kb / 1P
T-1 Right Angle LED Assembly
5650F1 CML-5650F1 Datasheet
25Kb / 1P
T-1 Right Angle LED Assembly
5655F1 CML-5655F1 Datasheet
26Kb / 1P
T-1 Right Angle LED Assembly
5323 CML-5323 Datasheet
66Kb / 1P
T-1 Right Angle LED Assembly
logo
Visual Communications C...
5320 VCC-5320 Datasheet
86Kb / 1P
T-1 Right Angle LED Assembly
5323 VCC-5323 Datasheet
82Kb / 1P
T-1 Right Angle LED Assembly
5600 VCC-5600 Datasheet
94Kb / 1P
T-1 Right Angle LED Assembly
5608 VCC-5608 Datasheet
75Kb / 1P
T-1 Right Angle LED Assembly
5650 VCC-5650 Datasheet
83Kb / 1P
T-1 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com