Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERT2AF Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ERT2AF
Description  For surface mounted applications in order to optimize board space
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ERT2AF Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ERT2AF Datasheet HTML 1Page - Pan Jit International Inc. ERT2AF Datasheet HTML 2Page - Pan Jit International Inc. ERT2AF Datasheet HTML 3Page - Pan Jit International Inc. ERT2AF Datasheet HTML 4Page - Pan Jit International Inc. ERT2AF Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
January 6,2014-REV.00
ERT2AF SERIES
FEATURES
• For surface mounted applications in order to optimize board space
• High temperature metallurgically bonded-no compression
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Glass passivated junction
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Lead free in compliance with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SMBF molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0018 ounces, 0.05 grams
• Polarity: Color band denotes cathode end
SURFACE MOUNT SUPERFAST RECTIFIER
VOLTAGE
50~400 Volt
2 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
NOTES:1.Measured at 1 MHz and Applied Reverse Voltage of 4 Volt.
2.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Recover to 0.25A.
3.Mounted on a FR4 PCB, single-sided copper, with 10cm*10cm copper pad area
4.Mounted on a FR4 PCB, single-sided copper, mini pad.
1
2
Cathode
Anode
P A RA ME TE R
S YMB OL E RT2 A F E RT2 B F E RT2 C F E RT2 D F E RT2 E F E RT2 GF UNITS
Re c urre nt P e a k Re ve rs e Vo lta g e
V
RRM
50
1 0 0
150
200
3 0 0
4 0 0
V
RM S V o ltage
V
RM S
35
70
105
140
2 1 0
280
V
DC B lo c k i ng Vo lt a g e
V
R
50
1 0 0
150
200
3 0 0
4 0 0
V
Aver a ge For war d C ur r e nt
I
F(AV )
2A
P e a k F o rwa r d S urg e C urre nt : 8 . 3 m s s i ng le ha lf s i ne -wa ve
s uper i mpos ed on r a ted lo a d
I
FS M
50
A
For war d Vo lt ag e at 2A
V
F
0.95
1.25
V
DC Re ve r s e Cur r e nt a t Ra te d
DC B lo c k i ng Vo lt a g e
T
J =2 5
OCI
R
1
A
Typi ca l J unc ti o n C a pac i t a nce
( Note 1)
C
J
3 5
25
pF
Typi ca l Ther ma l Re s i stanc e ,J unc ti o n to Le ad ( Note 3)
J unc t i on to A mbient ( No t e 4 )
R
JL
R
JA
20
135
OC / W
Re ve r s e Re c o ve r y Ti me
( Note 2)
T
rr
25
ns
Op e r ati ng J unc t i on Te m p er atur e and St o r age Te mp e r atur e
Ra ng e
T
J ,T STG
- 5 5 t o +150
OC


Similar Part No. - ERT2AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ERT2AAFC PANJIT-ERT2AAFC Datasheet
349Kb / 4P
Surface Mount Super Fast Recovery Rectifier
July 4,2020 ERT2AAFC_SERIES-REV.00
ERT2AAFC_R1_00001 PANJIT-ERT2AAFC_R1_00001 Datasheet
349Kb / 4P
Surface Mount Super Fast Recovery Rectifier
July 4,2020 ERT2AAFC_SERIES-REV.00
More results

Similar Description - ERT2AF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5.0SMDJ11A LUGUANG-5.0SMDJ11A Datasheet
221Kb / 3P
For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
ES2A PANJIT-ES2A Datasheet
147Kb / 6P
For surface mounted applications in order to optimize board space
SDM1645CS PANJIT-SDM1645CS Datasheet
135Kb / 5P
For surface mounted applications in order to optimize board space
SX52AF PANJIT-SX52AF Datasheet
134Kb / 5P
For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
1-5SMC MERITEK-1-5SMC Datasheet
516Kb / 4P
For surface mounted applications in order to optimize board space
5-0SMDJ MERITEK-5-0SMDJ Datasheet
322Kb / 4P
For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMASJ5.0A DYELEC-P2SMASJ5.0A Datasheet
1Mb / 3P
For surface mounted applications in order to optimize board space
P2SMSJ5A.0A DYELEC-P2SMSJ5A.0A Datasheet
1Mb / 4P
For surface mounted applications in order to optimize board space.
logo
Shanghai Leiditech Elec...
P4SMFJ3.3A LEIDITECH-P4SMFJ3.3A Datasheet
804Kb / 3P
For surface mounted applications in order to optimize board space.
P4SMAFJ5.0A LEIDITECH-P4SMAFJ5.0A Datasheet
463Kb / 4P
surface mounted applications in order to optimize board space
01.06.2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com