Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT3906 Datasheet(PDF) 3 Page - Formosa MS

Part # FMBT3906
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3906 Datasheet(HTML) 3 Page - Formosa MS

  FMBT3906 Datasheet HTML 1Page - Formosa MS FMBT3906 Datasheet HTML 2Page - Formosa MS FMBT3906 Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Formosa MS
FORMOSA
MICROSEMI CO., LTD.
Spec. No. : FMSC001
Issued Date : 2002/12/13
Revised Date : 2002/12/25
Page No. : 3/3
FMBT3906
FORMOSA MS Product Specification
SOT-23 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0034
0.0070
0.085
0.177
B
0.0472
0.0630
1.20
1.60
K
0.0128
0.0266
0.32
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1083
2.10
2.75
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0005
0.0040
0.013
0.10
Notes: 1.Dimension and tolerance based on our Spec.
2.Controlling dimension: millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local FORMOSA MS sales office.
Material:
? Lead: 42 Alloy; solderplating
? Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
? All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of FORMOSA MS.
? FORMOSA MS reserves the right to make changes to its products without notice.
? FORMOSA MS products are not warranted to be suitable for use in Life -Support Applications, or systems.
? FORMOSA MS assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
? Head Office & Factory(TAIPEI): 4F.,No. 21, Lane 126, Sec. 3, Chung-Yang. Rd. Tu-Cheng, Taipei County, Taiwan R.O.C.
Tel: 886-2-2269-6661 Fax: 886-2-2269-6141
H
J
K
D
A
L
G
V
C
B
3
2
1
S
Style: Pin 1.Base 2.Emitter 3.Collector
3-Lead SOT-23 Plastic
Surface Mounted Package
Marking:
Rank Code
2 A
Control Code



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com