Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-263 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # TO-263
Description  TO-263 D PAK SMD Plastic Package Package Outline and Packaging Information
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-263 Datasheet(HTML) 1 Page - Continental Device India Limited

  TO-263 Datasheet HTML 1Page - Continental Device India Limited TO-263 Datasheet HTML 2Page - Continental Device India Limited TO-263 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D2PAK
_Pkg_Drawing Rev071105
TO-263 D PAK SMD
Plastic Package
Package Outline and Packaging Information
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
2


Similar Part No. - TO-263

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
TO-263 HSMC-TO-263 Datasheet
71Kb / 6P
N-Channel Power Field Effect Transistor
logo
Vishay Siliconix
TO-263 VISHAY-TO-263 Datasheet
104Kb / 6P
N-Channel 100-V (D-S) 175 °C MOSFET
12-Jun-06
logo
Semtech Corporation
TO-263 SEMTECH-TO-263 Datasheet
168Kb / 6P
3 Amp Positive Voltage Regulator
logo
Littelfuse
TO-263 LITTELFUSE-TO-263 Datasheet
306Kb / 8P
Sample Instructions for Choosing a Packing Option
logo
ZP Semiconductor
TO-263 ZPSEMI-TO-263 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - TO-263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-263-5 ETC-TO-263-5 Datasheet
138Kb / 1P
5-Lead TO-263 Plastic Surface Mount Package
logo
Foshan Blue Rocket Elec...
LV10T100B FOSHAN-LV10T100B Datasheet
684Kb / 6P
Schottky Diode in a TO-263 Plastic Package
LV10T150B FOSHAN-LV10T150B Datasheet
671Kb / 6P
Schottky Diode in a TO-263 Plastic Package
LV10150BCT FOSHAN-LV10150BCT Datasheet
667Kb / 6P
Schottky Diode in a TO-263 Plastic Package
LV20100BCT FOSHAN-LV20100BCT Datasheet
703Kb / 6P
Schottky Diode in a TO-263 Plastic Package
LV30200BCT FOSHAN-LV30200BCT Datasheet
672Kb / 6P
Schottky Diode in a TO-263 Plastic Package
MBRB2045CT FOSHAN-MBRB2045CT Datasheet
699Kb / 6P
TO-263 Plastic package Schottky diode
MBRB10100CT FOSHAN-MBRB10100CT Datasheet
655Kb / 6P
Schottky Diode in a TO-263 Plastic Package
MBRB20100CT FOSHAN-MBRB20100CT Datasheet
717Kb / 6P
Schottky Diode in a TO-263 Plastic Package
MBRB20200CT FOSHAN-MBRB20200CT Datasheet
751Kb / 6P
Schottky Diode in a TO-263 Plastic Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com