Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4448 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LS4448
Description  HIGH SPEED SILICON SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LS4448 Datasheet(HTML) 1 Page - Continental Device India Limited

  LS4448 Datasheet HTML 1Page - Continental Device India Limited LS4448 Datasheet HTML 2Page - Continental Device India Limited LS4448 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH SPEED SILICON SWITCHING DIODES
LS4148, LS4448
Quadro MELF (LS-34)
High Speed Switching Diodes
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
UNIT
Repetitive Peak Reverse Voltage
V
Continuous Reverse Voltage
V
Peak Forward Surge Current tp=1µ
µs
A
Repetitive Peak Forward Current
mA
Forward Current
mA
Average Forward Current
mA
Power Dissipation up to Tj=25ºC
mW
Junction Temperature
ºC
Storage Temperature Range
- 65 to +175
ºC
THERMAL RESISTANCE
Junction to Ambient
K/W
*Device mounted on a PC board 50mm x 50mm 1.6mm
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNIT
Forward Voltage
VF
0.62
0.72
V
1.0
V
1.0
V
Reverse Current
IR
25
nA
50
µA
5.0
µA
Reverse Breakdown Voltage
VBR
100
V
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
VR=0V, f=1MHz, VHF=50mV
4.0
pF
Rectification Efficiency
η
r
45
%
Reverse Recovery Time
trr
4.0
ns
trr
8.0
ns
LS4148_LS4448 Rev270405E
IF=10mA, to IR=1mA
500
300
150
IFRM
IF
IFAV
500
175
TEST CONDITION
SYMBOL
VRRM
VR
IFSM
VALUE
100
75
2
PD
Tj
Tstg
*Rth (j-a)
500
IF=5mA
LS4448
VR=20V
VR=20V, Tj=150ºC
VR=75V
IF=50mA
LS4148
IF=100mA
LS4448
Measured @ IR=1mA
IR=100µA, tp/T=0.01, tp=0.3ms
IF=10mA, to IR=60mA
RL=100 Ω
VHF=2V, f=100MHz
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - LS4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
LS4448 DIOTEC-LS4448 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
logo
Taiwan Semiconductor Co...
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Vishay Siliconix
LS4448 VISHAY-LS4448 Datasheet
195Kb / 5P
Small Signal Fast Switching Diodes
04-May-07
logo
SEMTECH ELECTRONICS LTD...
LS4448 SEMTECH_ELEC-LS4448 Datasheet
211Kb / 3P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - LS4448

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLL4148 CDIL-CLL4148 Datasheet
165Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
logo
TRANSYS Electronics Lim...
LL4148 TEL-LL4148 Datasheet
92Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
LL4148 CDIL-LL4148 Datasheet
141Kb / 4P
HIGH SPEED SILICON SWITCHING DIODES
BAV99 CDIL-BAV99 Datasheet
497Kb / 5P
SILICON PLANAR HIGH SPEED SWITCHING DIODES
logo
Central Semiconductor C...
CMKD2836 CENTRAL-CMKD2836_15 Datasheet
434Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448_15 Datasheet
499Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD7000 CENTRAL-CMKD7000_15 Datasheet
500Kb / 2P
ULTRA-HIGH SPEED SILICON SWITCHING DIODES
CMKD7000E CENTRAL-CMKD7000E_15 Datasheet
529Kb / 2P
ULTRA-HIGH SPEED SILICON SWITCHING DIODES
CMUD2836 CENTRAL-CMUD2836_15 Datasheet
480Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com