Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS-31 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # LS-31
Description  LS-31 Micro MELF SMD Glass Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LS-31 Datasheet(HTML) 3 Page - Continental Device India Limited

  LS-31 Datasheet HTML 1Page - Continental Device India Limited LS-31 Datasheet HTML 2Page - Continental Device India Limited LS-31 Datasheet HTML 3Page - Continental Device India Limited LS-31 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LS-31 MELF Package and Packaging
Tape
Reel Dia.
Inside
Reel
Width
Thickness
Thickness
A - Max
W
T - max
Packaging Information
Std. Packing
Size L x W x H
Gross Weight
Size L x W x H
Gross Weight
(cm)
(Kg)
(cm)
(Kg)
T & R: Tape and Reel
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose
as per prevailing Environmental Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
LS-31_PkgRev190906D
Reel Dimensions and Drawing
Inner Carton
Outer Carton
Package
All Dimensions are in mm
Reel Specifications
180
LS-31
(Micro MELF)
LS-31
(Micro MELF)
14.4
8.4 ±2
8
Package/Case
Type
20K
2,500
T&R
36 x 35.5 x 23.3
100K
18.5 x 18.5 10.5
Packaging Type
Qty
Qty
Qty
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com