Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LL4148
Description  HIGH SPEED SILICON SWITCHING DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LL4148 Datasheet(HTML) 1 Page - Continental Device India Limited

  LL4148 Datasheet HTML 1Page - Continental Device India Limited LL4148 Datasheet HTML 2Page - Continental Device India Limited LL4148 Datasheet HTML 3Page - Continental Device India Limited LL4148 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH SPEED SILICON SWITCHING DIODES
LL4148
LL4448
SOD - 80C
Mini MELF (LL- 34 )
Polarity: Cathode is indicated by a black band
Hermetically Sealed, Glass Silicon Diodes
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Peak Repetitive Reverse Voltage
VRRM
Reverse Voltage (Continuous)
VR
Average Rectified Forward Current
IF (av)
Forward Current (DC)
IF
Repetitive Peak Forward Current
IFRM
Non Repetitive Peak Surge Current t=1
µµs
IFSM
t=1 s
IFSM
Power Dissipation up to Tamb=25 ºC
Ptot
Derating factor
Operating and Storage Junction Temperature
Range
Tj, Tstg
ELECTRICAL CHARACTERISTICS (Ta=25 ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Forward Voltage
VF
IF=10mA
LL4148
1.0
V
IF=5mA
LL4448
0.62
0.72
IF=100mA
LL4448
1.0
Reverse Current
IR
VR=20V
25
nA
VR=75V
5.0
µA
VR=20V, Tj=100º C, LL4448
3.0
µA
VR=20V, Tj=150º C
50
µA
Reverse Breakdown Voltage
VBR
IR=100µA
100
V
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
VR=0V, f=1MHz
4.0
pF
Forward Recovery Voltage
Vfr
IF=50mA, tr=20ns
2.5
V
Reverse Recovery Time
trr
IF=10mA to IR=60mA, RL=100 Ω,
Measured at IR=1mA
4.0
ns
mA
mW
mW/K
ºC
500
2.85
- 65 to +200
UNIT
V
V
mA
mA
mA
mA
VALUE
100
75
150
200
450
2000
500
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
V
V
LL4148_4448 Rev-1 281107E


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CLL4148 CDIL-CLL4148 Datasheet
165Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
logo
TRANSYS Electronics Lim...
LL4148 TEL-LL4148 Datasheet
92Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
logo
Continental Device Indi...
LS4148 CDIL-LS4148 Datasheet
341Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
BAV99 CDIL-BAV99 Datasheet
497Kb / 5P
SILICON PLANAR HIGH SPEED SWITCHING DIODES
logo
Central Semiconductor C...
CMKD2836 CENTRAL-CMKD2836_15 Datasheet
434Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD4448 CENTRAL-CMKD4448_15 Datasheet
499Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMKD7000 CENTRAL-CMKD7000_15 Datasheet
500Kb / 2P
ULTRA-HIGH SPEED SILICON SWITCHING DIODES
CMKD7000E CENTRAL-CMKD7000E_15 Datasheet
529Kb / 2P
ULTRA-HIGH SPEED SILICON SWITCHING DIODES
CMUD2836 CENTRAL-CMUD2836_15 Datasheet
480Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com