Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL41 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LL41
Description  LL-41 MELF Glass Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LL41 Datasheet(HTML) 1 Page - Continental Device India Limited

  LL41 Datasheet HTML 1Page - Continental Device India Limited LL41 Datasheet HTML 2Page - Continental Device India Limited LL41 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL-41
_Pkg_Drawing Rev071105
LL-41 MELF Glass
Package
Package Outline
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - LL41

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
logo
Vishay Siliconix
LL41 VISHAY-LL41 Datasheet
142Kb / 5P
Small Signal Schottky Diode
21-Jul-06
logo
SynSemi, Inc.
LL41 SYNSEMI-LL41 Datasheet
28Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
LL41 JINANJINGHENG-LL41 Datasheet
57Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL41 BILIN-LL41 Datasheet
246Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
More results

Similar Description - LL41

ManufacturerPart #DatasheetDescription
logo
NEC
RD82F NEC-RD82F Datasheet
63Kb / 8P
ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE
logo
Tak Cheong Electronics ...
TCZM4728A TAK_CHEONG-TCZM4728A Datasheet
81Kb / 3P
1 Watt LL-41 Hermetically Sealed Glass Zener Voltage Regulators
ZM4728A TAK_CHEONG-ZM4728A Datasheet
566Kb / 4P
1 Watt LL-41 Hermetically 1 Watt LL-41 Hermetically Regulators
logo
New Jersey Semi-Conduct...
1N4460 NJSEMI-1N4460 Datasheet
133Kb / 1P
DO-41 Package
logo
Continental Device Indi...
SOD-80C CDIL-SOD-80C Datasheet
226Kb / 3P
SOD 80C (LL-34) Mini MELF Hermetically Sealed Glass Package
LS-34 CDIL-LS-34 Datasheet
354Kb / 3P
LS-34 Quadro MELF Glass Package
LS-31 CDIL-LS-31 Datasheet
97Kb / 4P
LS-31 Micro MELF SMD Glass Package
DO-41 CDIL-DO-41 Datasheet
146Kb / 3P
DO-41 Hermetically Sealed Glass Axial Package
logo
Jiangsu High diode Semi...
ZM47-SERIES HDSEMI-ZM47-SERIES Datasheet
1Mb / 5P
MELF Glass-Encapsulate Diodes
logo
Littelfuse
SB502J1K LITTELFUSE-SB502J1K Datasheet
224Kb / 2P
SB Series LL-41 MELF Thermistors
Revised: 07/07/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com