Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1004 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # KBPC1004
Description  SINGLE PHASE BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

KBPC1004 Datasheet(HTML) 1 Page - Continental Device India Limited

  KBPC1004 Datasheet HTML 1Page - Continental Device India Limited KBPC1004 Datasheet HTML 2Page - Continental Device India Limited KBPC1004 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SINGLE PHASE BRIDGE RECTIFIER
KBPC1001 - KBPC10005
KBPC-8
Leaded Plastic Package
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at Ta = 25
oC unless specified otherwise, single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.)
KBPC
10005
KBPC
1001
KBPC
1002
KBPC
1004
KBPC
10066
KBPC
1008
KBPC
1010
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IFSM
A
VF
V
Cj
pF
oC/W
oC/W
Tj, Tstg
oC
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Unit mounted on 8.6 x 8.6 x 0.24" thick (22 x 22 x 0.6cm) Al. Plate
3. Unit mounted on P.C.B at 0.375" (9.5mm) lead length with 0.5 x 0.5" (12 x 12mm) copper pads
KBPC1001_005 Rev170206D
DESCRIPTION
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on Rated load
(JEDEC method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC=50
oC
500
VALUE
10.0
250.0
UNIT
SYMBOLS
Maximum Forward Voltage at 5.0A DC and
25ºC
IR
Typical Junction Capacitance (Note 1)
Operating Junction Temperature and Storage
Temperature Range
25.0
200
- 55 to +125
Typical Thermal Resistance (Note 2)
Typical Thermal Resistance (Note 3)
5.0
A
µA
I (AV)
Maximum Reverse Current at Rated DC
Blocking Vtg at Ta = 25ºC
at Ta = 100
oC
10.0
1.1
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - KBPC1004

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1004 WTE-KBPC1004 Datasheet
47Kb / 3P
10A HIGH CURRENT BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC1004 JGD-KBPC1004 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC1004 SEMTECH-KBPC1004 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1004 SSE-KBPC1004 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC1004 CHENYI-KBPC1004 Datasheet
145Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC1004

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com