Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBL005 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # KBL005
Description  GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

KBL005 Datasheet(HTML) 1 Page - Continental Device India Limited

  KBL005 Datasheet HTML 1Page - Continental Device India Limited KBL005 Datasheet HTML 2Page - Continental Device India Limited KBL005 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
KBL005 - KBL10
KBL
PLASTIC PACKAGE
Ratings at Ta=25
oC Ambient Temperature unless otherwise specified. Single phase, half wave,
60Hz, resistive or inductive load. For capacitive load, derate current by 20%
SYMBOL KBL005 KBL01 KBL02 KBL04 KBL06 KBL08 KBL10 UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
*IF(AV)
A
Peak Forward Surge Current, 8.3ms single
half sine wave superimposed on rated load
(JEDEC method)
VF
V
Maximum Reverse Current
at Ta=25
oC
µA
mA
Tj, Tstg
ºC
*Mounting Conditions 0.5" Lead Length Maximum
KBL005_10 Rev141005E
at Rated DC Blocking Voltage Per Element
Ta=100
oC
Maximum Forward Voltage Drop Per Element
at 1A
4.0
200
IFSM
1.0
- 55 to +150
DESCRIPTION
Maximum Average Forward Rectified Current
at Ta=50ºC
IR
10
1.0
Operating and Storage Junction
Temperature Range
A
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - KBL005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBL005 SEMTECH-KBL005 Datasheet
128Kb / 2P
4.0A SINGLE - PHASE SILICON BRIDGE
logo
Fairchild Semiconductor
KBL005 FAIRCHILD-KBL005 Datasheet
28Kb / 2P
4.0 Ampere Silicon Bridge Rectifiers
logo
Shanghai Lunsure Electr...
KBL005 CHENYI-KBL005 Datasheet
155Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBL005 DCCOM-KBL005 Datasheet
379Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBL005 FUJI-KBL005 Datasheet
632Kb / 1P
4 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBL005

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
GBPC35005 NJSEMI-GBPC35005 Datasheet
165Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
Single Phase Glass Passivated Bridge Rectifiers
logo
Microdiode Semiconducto...
AB34S CHENDA-AB34S_V01 Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF05S CHENDA-DF05S_V01 Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
KBP2005 CHENDA-KBP2005_V01 Datasheet
559Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MB2M CHENDA-MB2M_V01 Datasheet
556Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com