Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC304 Datasheet(PDF) 1 Page - Picker Components

Part # PC304
Description  Microminiature Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC304 Datasheet(HTML) 1 Page - Picker Components

  PC304 Datasheet HTML 1Page - Picker Components PC304 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microminiature Signal Relay
FEATURES
Microminiature design
.200 inch DIL spacing
Meets FCC part 68 voltage surge
7.5 millimeter width
Bifurcated contacts for high sensitivity
Single coil latching available
PC304
Rated Load
Max. Switching Power
60 W
2 Form C
UL/CSA RATINGS
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PC304 Rev New 5-27-10
PAGE 1
Sealed, immersion cleanable
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgPd + Au (Silver Palladium + Gold Plate)
1 X 10
5
1 X 10
8
Operations
Operations
DPDT (bifurcated contacts)
Contact Form
Max. Operating Voltage
220 VDC
2A at 30 VDC
Minimum Permissible Load
10 micro A, 10 mVDC
70 mOhm max @ 1mA, 20mV
Type
Coil
Resistance
Must Operate
Voltage Max.
(VDC)
Release Voltage
Or
Reset Voltage
Maximum
Voltage
Coil Power
Consumption
mW
COIL DATA
Single
Side
Stable
.140 W
3
5
6
9
12
24
3
5
6
9
12
24
2.25
3.75
4.50
6.75
9.00
18.0
4.5
7.5
9.0
13.5
18.0
36.0
4.5
7.5
9.0
13.5
18.0
36.0
140
140
140
140
140
200
100
100
100
100
100
150
0.3
0.5
0.6
0.9
1.2
2.4
-2.25
-3.75
-4.5
-6.75
-9.00
-18.0
Note: Custom coil voltages within the ranges shown are available on special order.
ORDERING INFORMATION
Example:
PC304
Model
-12
Type of Operation
Nil: Single Side Stable
-L1
Coil Voltage
Single
Coil
Latching
.100 W
ohms + 10%
64.3
178
257
579
1028
2880
90
250
360
810
1440
3840
2.25
3.75
4.50
6.75
9.00
18.0
L1: Single Coil Latching
File # E86876
Voltage
Lead Free & RoHS Compliant
Nil: Not Rohs, -X: RoHS Compliant
RoHS Compliant
-X


Similar Part No. - PC304

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC304S PICKER-PC304S Datasheet
127Kb / 2P
Microminiature Surface Mount Signal Relay
More results

Similar Description - PC304

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC302S PICKER-PC302S Datasheet
173Kb / 2P
Microminiature Surface Mount Signal Relay
PC303 PICKER-PC303 Datasheet
99Kb / 2P
Microminiature Signal Relay
PC303S PICKER-PC303S Datasheet
145Kb / 2P
Microminiature Surface Mount Signal Relay
PC302 PICKER-PC302_14 Datasheet
179Kb / 2P
Microminiature 1 Amp Signal Relay
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
Microminiature Surface Mount Signal Relay
PC303 PICKER-PC303_14 Datasheet
163Kb / 2P
Microminiature Signal Relay
PC304S PICKER-PC304S Datasheet
127Kb / 2P
Microminiature Surface Mount Signal Relay
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
MICROMINIATURE POLARIZED RELAY
logo
Picker Components
PC302 PICKER-PC302_17 Datasheet
688Kb / 2P
Microminiature 1 Amp Signal Relay
PC302S PICKER-PC302S_17 Datasheet
556Kb / 3P
Microminiature 1 Amp Signal Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com