Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER3003 Datasheet(PDF) 1 Page - Formosa MS

Part # HER3003
Description  30.0 AMP HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HER3003 Datasheet(HTML) 1 Page - Formosa MS

  HER3003 Datasheet HTML 1Page - Formosa MS HER3003 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER3001 THRU HER3006
30.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 15.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
30.0
1.0
1.3
300
10.0
200
60
100
125
-65
+150
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
V
HER3001 HER3002 HER3003 HER3004 HER3005 HER3006
UNITS
50
100
200
300
400
600
50
100
200
300
400
600
35
70
140
210
280
420
V
V
1.85
* High speed switching
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 5.60 grams
VOLTAGE RANGE
50 to 600 Volts
CURRENT
30.0 Amperes
TO-247
Dimensions in inches and (millimeters)
.635(16.13)
.840(21.34)
.800(20.32)
.320(8.13)
.12(3.0)
.170(4.32)
.050(1.27)
.205(5.21)
.225(5.7)
.030(0.8)
.120(3.05)
.180(4.53)
.625(15.88)
.820(20.83)
.770(19.56)
.310(7.87)
.11(2.8)
.150(3.81)
.045(1.14)
.195(4.49)
.205(5.2)
.020(0.5)
.115(2.92)
.170(4.32)
DIA.
.095
(2.4)
30
+
PIN 1
PIN 3
PIN 2
CASE
Positive CT
Suffix "C"
PIN 1
PIN 3
PIN 2
CASE
Negative CT
Suffix "A"
Operating and Storage Temperature Range TJ, TSTG
A
A
V
mA
mA
nS
pF
C


Similar Part No. - HER3003

ManufacturerPart #DatasheetDescription
logo
Dc Components
HER3003 DCCOM-HER3003 Datasheet
540Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
HER3003 GOOD-ARK-HER3003 Datasheet
151Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
HER3003 DAESAN-HER3003 Datasheet
323Kb / 2P
CURRENT 30.0 Amperes VOLTAGE 50 to 600 Volts
logo
Thinki Semiconductor Co...
HER3003A THINKISEMI-HER3003A Datasheet
1Mb / 3P
30 Ampere Heat Sink Dual Common Anode High Efficiency Rectifier Diodes
logo
Rectron Semiconductor
HER3003C RECTRON-HER3003C Datasheet
26Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 200 Volts CURRENT 30 Amperes)
More results

Similar Description - HER3003

ManufacturerPart #DatasheetDescription
logo
Bytes
SR3020 BYTES-SR3020 Datasheet
156Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR3020 FORMOSA-SR3020 Datasheet
36Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF30L45CT TSC-MBRF30L45CT Datasheet
212Kb / 2P
30.0 AMP. Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR3020CT GWSEMI-SR3020CT Datasheet
73Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR30150CT GWSEMI-SR30150CT Datasheet
71Kb / 2P
30.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SBR3040R SECOS-SBR3040R_15 Datasheet
249Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
SBR3060 SECOS-SBR3060_15 Datasheet
164Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
SBR30100R SECOS-SBR30100R_15 Datasheet
250Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
SBR30150 SECOS-SBR30150_15 Datasheet
322Kb / 2P
30.0 AMP Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_15 Datasheet
246Kb / 2P
30.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com