Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4150 Datasheet(PDF) 1 Page - Formosa MS

Part # LL4150
Description  High-speed switching diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LL4150 Datasheet(HTML) 1 Page - Formosa MS

  LL4150 Datasheet HTML 1Page - Formosa MS LL4150 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Formosa MS
LL4150
Formosa MS
1
High-speed switching diode
Features
1.
Small surface mounting type
2.
High reliability
3.
High forward current capability
Applications
High speed switch and general purpose use in computer and industrial applications
Construction
Silicon epitaxial planar
Absolute Maximum Ratings
Tj=25?
Parameter
Test Conditions
Type
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
50
V
Reverse voltage
VR
40
V
Peak forward surge current
tp=1µ s
IFSM
4
A
Forward current
IF
600
mA
Average forward current
VR=0
IFAV
300
mA
Power dissipation
PV
500
mW
Junction temperature
Tj
175
?
Storage temperature range
Tstg
-65~+175
?
Maximum Thermal Resistance
Tj=25?
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mm× 50mm× 1.6mm
RthJA
500
K/W


Similar Part No. - LL4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4150 VISHAY-LL4150 Datasheet
94Kb / 5P
Silicon Epitaxial Planar Diodes
06-Apr-04
logo
Diodes Incorporated
LL4150 DIODES-LL4150 Datasheet
50Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30069 Rev. C-2
logo
General Semiconductor
LL4150 GE-LL4150 Datasheet
29Kb / 1P
Small Signal Diodes
logo
Microsemi Corporation
LL4150 MICROSEMI-LL4150 Datasheet
66Kb / 1P
MINI-MELF-SMD Silicon Diode
logo
Diotec Semiconductor
LL4150 DIOTEC-LL4150 Datasheet
172Kb / 2P
Surface Mount Silicon Planar Diodes
More results

Similar Description - LL4150

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com