Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE309 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ADE309
Description  Compliant with European standards 1a1b 10A/8A polarized power relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADE309 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ADE309 Datasheet HTML 1Page - Panasonic Semiconductor ADE309 Datasheet HTML 2Page - Panasonic Semiconductor ADE309 Datasheet HTML 3Page - Panasonic Semiconductor ADE309 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DE (ADE)
ASCTB175E 201202-T
ORDERING INFORMATION
TYPES
Standard packing: Tube package: 20 pcs.; Case: 500 pcs.
Note: This product is manufactured by lot after an order is received.
Compliant with
European standards
1a1b 10A/8A polarized
power relays
DE RELAYS (ADE)
Contact arrangement
Nominal coil voltage
Single side stable type
2 coil latching type
Part No.
Part No.
1 Form A
5V DC
ADE109
ADE129
12V DC
ADE103
ADE123
24V DC
ADE104
ADE124
1 Form A 1 Form B
5V DC
ADE309
ADE329
12V DC
ADE303
ADE323
24V DC
ADE304
ADE324
2 Form A
5V DC
ADE209
ADE229
12V DC
ADE203
ADE223
24V DC
ADE204
ADE224
VDE
RoHS compliant
FEATURES
1. Conforms to European safety
standard (VDE0700 and VDE0631).
Insulating distance between coil and
contacts:
Clearance Min. 8mm .315 inch
Creepage Min. 8mm .315 inch
2. Low operating power
Nominal operating power at 200 mW
(Single side stable, 2 coil latching)
3. Compact body saves space
Size: 12.5(W)
× 25(L) × 12.5(H) mm
.492(W)
× .984(L) × .492(H) inch
4. Conforms to the various safety
standards
UL, CSA and VDE approved
TYPICAL APPLICATIONS
1. Temperature controller
2. Automatic meter reading
3. OA equipment
4. FA equipment
DE relay
ADE
Operating function
0: Single side stable
2: 2 coil latching
Contact arrangement
1: 1 Form A
2: 2 Form A
3: 1 Form A 1 Form B
Nominal coil voltage (V DC)
3: 12V, 4: 24V, 9: 5V
Notes: 1. Certified by UL, CSA and VDE
2. This product is manufactured by lot after an order is received.


Similar Part No. - ADE309

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ADE309 PANASONIC-ADE309 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
ADE309 PANASONIC-ADE309 Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
ADE309 PANASONIC-ADE309 Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
More results

Similar Description - ADE309

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
ST1-DC3V-F PANASONIC-ST1-DC3V-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com