Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL55C Datasheet(PDF) 1 Page - Formosa MS

Part # LL55C
Description  Zener diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LL55C Datasheet(HTML) 1 Page - Formosa MS

  LL55C Datasheet HTML 1Page - Formosa MS LL55C Datasheet HTML 2Page - Formosa MS LL55C Datasheet HTML 3Page - Formosa MS LL55C Datasheet HTML 4Page - Formosa MS LL55C Datasheet HTML 5Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Formosa MS
LL55C Series
Formosa MS
1
Zener diode
Features
1.
Small surface mounting type
2.
High reliability
Applications
Voltage stabilization
Construction
Silicon epitaxial planar
Absolute Maximum Ratings
Tj=25?
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
RthJA? 300K/W
PV
500
mW
Z-current
IZ
PV/VZ
mA
Junction temperature
Tj
175
?
Storage temperature range
Tstg
-65~+175
?
Maximum Thermal Resistance
Tj=25?
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mm× 50mm× 1.6mm
RthJA
500
K/W
Electrical Characteristics
Tj=25?
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.5
V


Similar Part No. - LL55C

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
LL55C YANGJIE-LL55C Datasheet
933Kb / 4P
Zener diode
logo
Zibo Seno Electronic En...
LL55C10 ZSELEC-LL55C10 Datasheet
503Kb / 3P
500mW ZENER DIODE
LL55C11 ZSELEC-LL55C11 Datasheet
503Kb / 3P
500mW ZENER DIODE
LL55C12 ZSELEC-LL55C12 Datasheet
503Kb / 3P
500mW ZENER DIODE
LL55C13 ZSELEC-LL55C13 Datasheet
503Kb / 3P
500mW ZENER DIODE
More results

Similar Description - LL55C

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com