Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DUS1250EF Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DUS1250EF
Description  DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DUS1250EF Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DUS1250EF Datasheet HTML 1Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 2Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 3Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 4Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 5Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 6Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 7Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 8Page - Delta Electronics, Inc. DUS1250EF Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS_DUS1250Ex_10292008
2
TECHNICAL SPECIFICATIONS
(Ambient Temperature=25°C, minimum airflow=250LFM, nominal Vin=12Vdc unless otherwise specified.)
PARAMETER
NOTES and CONDITIONS
DUS1250Ex
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
0
14
Vdc
Operating Temperature
Refer to Fig.58 for the measuring point
0
50
°C
Storage Temperature
-40
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
2.97
13.2
V
Maximum Input Current
12Vin, 5Vo, operating, full load
4.5
A
Input Reflected-Ripple Current
5
10
mA
Input Voltage Power on Slew Rate
Vin=5V, Io=10A, Vo=3.3V
1
V/ms
Vin=12V, Io=10A, Vo=3.3V or 5V
1
V/ms
OUTPUT CHARACTERISTICS
Output Voltage Adjustment Range
0.59
5.0
Vdc
Output Voltage Set Point
With a 1% trim resistor
-3
+3
%
Output Ripple, 20MHz BW, 12Vin
10uF 1210 x2, 1uF 0805 x2 and 100nF 0603 x5
ceramic capacitor plus 470uF/6.3V POS cap
Vo≦2.5
30
mVp-p
Same as above
Vo>2.5
50
mVp-p
Output Current Range
0
10
A
Output Rise Time
10% to 90% of Vo
1
15
mS
Overshoot at Turn-on/Turn-Off
Vin=12V, Io=min~max
5
% of Vo
Output DC Current-Limit Inception
Hiccup mode
15
A
DYNAMIC CHARACTERISTICS
Output Dynamic Load Response
12Vin, 5Vout, 470µF ceramic cap
Positive Step Change in Output Current
70~100% load , 10A/uS
130
mV
Negative Step Change in Output Current
100~70% load , 10A/uS
130
mV
Recovery Time
Recovery to within regulation band
200
µs
Turn-On Transient
Start-Up Time, from On/Off Control
From Enable high to 90% of Vo
0
25
ms
Start-Up Time, from input power
From Vin=12V to 90% of Vo
0
50
ms
Minimum Output Capacitance
0.9V and above
0
µF
0.8V
22
µF
0.7V
100
µF
0.6V
220
µF
0.59V
470
µF
Maximum Output Startup Capacitive Load
Full Load, 12Vin, 5Vo
1000
µF
EFFICIENCY
Vin=12V, Io=10A
Vo=0.59V
64
%
Vo=1.5V
81
%
Vo=2.5V
86
%
Vo=3.3V
89
%
Vo=5.0V
91
%
Vin=5V, Io=10A
Vo=0.59V
72
%
Vo=1.5V
85
%
Vo=2.5V
90
%
Vo=3.3V
92
%
Vin=3.3V, Io=10A
Vo=0.59V
69
%
Vo=1.5V
83
%
Vo=2.5V
88
%
FEATURE CHARACTERISTICS
Switching Frequency
Fixed
600
KHz
Power Good Range
PWRGD=High @ Vo is in spec
-9%
15%
Vo
Power Good Delay Time
From 90% of Vo to 90% of Power Good output signal
0
10
mS
Power Good Rise Time
10% to 90% of Power good signal rise
0
1
mS
ON/OFF Control
Positive logic (internally pulled high)
Logic High
Module On (or leave the pin open)
1.7
3.3
V
Logic Low
Module Off
0
0.8
V
GENERAL SPECIFICATIONS
Calculated MTBF
25℃, 300LFM, 80% load
2
Mhours
Weight
2.5
grams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com