Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P002-002-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P002-002-R
Description  2-ft. Power Cord (IEC-320-C14 to NEMA 5-15R)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P002-002-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P002-002-R Datasheet HTML 1Page - List of Unclassifed Manufacturers P002-002-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-ft. Power Cord (IEC-320-C14 to NEMA 5-15R)
MODEL NUMBER: P002-002-R
Description
Tripp Lite makes your PC installation one step easier. This 2-ft. AC Power Adapter Cord allows you to plug a power cord with an NEMA 5-15P into an
IEC-320-C13 outlet in a PDU or CPU. Installation with convenience is the name of the game. Features a NEMA 5-15R receptacle with an IEC-320-C14 plug.
Tripp Lite warrants this product to be free from defects in materials and workmanship for life. Clamshell retail package.
Features
UL-listed
This 2 foot cord allows you to plug a power cord with an NEMA 5-15P into an IEC-320-C13 outlet in a PDU or CPU
Frees up a wall outlet
Plug type: IEC-320-C14 to NEMA 5-15R
16AWG SJT, 12A, 125V
Tripp Lite warrants this product to be free from defects in materials and workmanship for life
Specifications
OVERVIEW
Intended Application
Powering Devices
Cable Type
POWER
Model Type
Power Cords
INPUT
Cable Length (ft.)
2
UPC ASSIGNMENT
Highlights
UL-listed
Retail packaging
System Requirements
A monitor with an AC power cord
(NEMA 5-15P)
A computer with an available
power receptacle (IEC-320-C13)
Package Includes
2-ft. AC power adapter cord PC
style male (IEC-320-C14) to AC
female (NEMA5-15R)
1 / 2


Similar Part No. - P002-002-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P002-002-10A TRIPPLITE-P002-002-10A Datasheet
163Kb / 2P
NEMA 5-15R to C14 Computer AC Power Cable - 10A, 125V, 18 AWG, 2 ft., Black
More results

Similar Description - P002-002-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P047-006 TRIPPLITE-P047-006 Datasheet
481Kb / 3P
Heavy-Duty Power Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14) 6-ft.
P005002 TRIPPLITE-P005002 Datasheet
484Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P018002 TRIPPLITE-P018002 Datasheet
483Kb / 2P
Heavy-Duty Computer Power Cord, 16A, 14AWG (IEC-320-C14 to IEC-320-C15), 2-ft
P047002 TRIPPLITE-P047002 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 2-ft
P00200110A TRIPPLITE-P00200110A Datasheet
489Kb / 2P
Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 1-ft
P00200210A TRIPPLITE-P00200210A Datasheet
492Kb / 2P
Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 2-ft
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00400513A TRIPPLITE-P00400513A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 5-ft
P04700610A TRIPPLITE-P04700610A Datasheet
482Kb / 2P
Standard Power Extension Cord, 10A, 18AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P002002 TRIPPLITE-P002002 Datasheet
470Kb / 2P
Universal AC Power Adapter Cord, 13A, 16AWG (IEC-320-C14 to NEMA 5-15R), 2-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com