Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC375 Datasheet(PDF) 2 Page - Picker Components

Part # PC375
Description  Low Profile Minature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC375 Datasheet(HTML) 2 Page - Picker Components

  PC375_14 Datasheet HTML 1Page - Picker Components PC375_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC375
PC375
COIL DATA
Coil Voltage
5
6
9
12
24
48
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
61
88
198
351
1405
5620
3.50
4.20
6.30
8.40
16.8
33.6
0.5
0.6
0.9
1.2
2.4
4.8
6.5
7.8
11.7
15.6
31.2
62.4
_
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
.590
(15)
.197
(5)
.197
(5)
.296
(7.5)
5 mm SPDT 12 AMP
.788
(20)
.137
(3.5)
(3.5)
.296
(7.5)
3.5 mm SPDT 12 Amp
.137
.590
(15)
.197
(5)
.197
(5)
.296
(7.5)
5 mm SPDT 16 Amp
5 mm DPDT 8 Amp
5 mm SPDT 16 Amp
5 mm SPDT 12 Amp
5 mm DPDT 8 Amp
3.5 mm SPDT 12 Amp
(29.0)
1.142
(15.7)
.618
(12.7)
.50
(29.0)
1.142
(15.7)
.618
(12.7)
.50
(3.6)
.142 Typ.
5 mm Version
3.5 mm Version
(1.3)
.051 Dia. Typ.
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com