Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM4148 Datasheet(PDF) 2 Page - Formosa MS

Part # MM4148
Description  High-speed switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MM4148 Datasheet(HTML) 2 Page - Formosa MS

  MM4148 Datasheet HTML 1Page - Formosa MS MM4148 Datasheet HTML 2Page - Formosa MS MM4148 Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FormosaMS
MM4148/MM4448
FormosaMS
2
ElectricalCharacteristics
Tj=25?
Parameter
Test Conditions
Type
Sym
bol
Min
Typ
Max
Unit
IF=5mA
MM4148
VF
0.62
0.72
V
IF=10mA
MM4148
VF
0.86
1
V
Forward voltage
IF=100mA
MM4448
VF
0.93
1
V
VR=20V
IR
25
nA
VR=20V, Tj=150?
IR
50
µ A
Reverse current
VR=75V
IR
5
µ A
Breakdown current
IR=100µ A,tp/T=0.01,tp=0.3ms
V(BR)
100
V
Diode capacitance
VR=0, f=1MHz, VHF=50mV
CD
4
pF
Rectification efficiency
VHF=2V, f=100MHz
?
R
45
%
IF= IR=10mA, iR=1mA
trr
8
ns
Reverse recovery time
IF=10mA, VR=6V, iR=0.1 × IR,
RL=100O
trr
4
ns
Characteristics (Tj=25? unless otherwise specified)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com