Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC415H Datasheet(PDF) 1 Page - Picker Components

Part # PC415H
Description  15 Amp Subminature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC415H Datasheet(HTML) 1 Page - Picker Components

  PC415H Datasheet HTML 1Page - Picker Components PC415H Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15 Amp Subminature PCB Power Relay
FEATURES
15 Amp continous contact capacity
1 Form A, 1 form B & 1form C contact forms
Class "B" insulation standard
Most popular package and footprint
Class "F" insulation available
Very economically priced
PC415H
Load Type
Resistive
All Forms
UL/CSA RATINGS
CHARACTERISTICS
Operate Time
Less Than10 ms
Release Time
Insulation Resistance
Less Than 5 ms
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between coil and contacts
750 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Power Consumption
.36 W
Ambient Temperature Range
-55 to 85 C operating for class B, -55 to 130 C storage
Weight
9.5 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC415H Rev New 10-4-12
PAGE 1
ORDERING INFORMATION
Example:
PC415H
Model
-1A
1A: 1A, 1B: 1B, 1C: 1C
Sealed, immersion cleanable
S
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 10
7
1 X 10
5
Operations
Operations
All Contacts
General Purpose
Insulation System
Nil: Class B, F: Class F
15 Amps @ 120 VAC & 28 VDC, 10 Amps @ 240 VAC
Contact Form
Contact Material
Nil: AgCdO, T: AgSnO, G: AgCdO + Gold Plate
G
F
Coil Voltage
-12
Motor
1/3 HP at 125 VAC/240 VAC/277 VAC
File # E86876
Enclosure
S: Sealed; C: Dust Cover
Now available Lead Free & RoHS Compliant
-X
Nil: Not Rohs, -X: RoHS Compliant
RoHS Compliant
15 Amps @ 125 VAC & 28 VDC, 10 Amps @ 250 VAC,
6 amps @ 277 VAC, 20 Amps @ 16 VDC
6 amps @ 277 VAC, 20 Amps @ 16 VDC


Similar Part No. - PC415H

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC415H1A-12C PICKER-PC415H1A-12C Datasheet
162Kb / 2P
15 Amp Subminature PCB Power Relay
PC415H1A-12CF PICKER-PC415H1A-12CF Datasheet
162Kb / 2P
15 Amp Subminature PCB Power Relay
PC415H1A-12CFG PICKER-PC415H1A-12CFG Datasheet
162Kb / 2P
15 Amp Subminature PCB Power Relay
PC415H1A-12CFT PICKER-PC415H1A-12CFT Datasheet
162Kb / 2P
15 Amp Subminature PCB Power Relay
PC415H1A-12CG PICKER-PC415H1A-12CG Datasheet
162Kb / 2P
15 Amp Subminature PCB Power Relay
More results

Similar Description - PC415H

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCH410 PICKER-PCH410 Datasheet
177Kb / 2P
10 Amp Subminature PCB Power Relay
PC333 PICKER-PC333 Datasheet
178Kb / 2P
12 Amp Subminature PCB Power Relay
PC834 PICKER-PC834 Datasheet
188Kb / 2P
12 Amp Subminature PCB Power Relay
PC835 PICKER-PC835 Datasheet
189Kb / 2P
10 Amp Subminature PCB Power Relay
PC520 PICKER-PC520 Datasheet
162Kb / 2P
20 Amp Subminature PCB Power Relay
PC415 PICKER-PC415 Datasheet
162Kb / 2P
15 Amp Subminature PCB Power Relay
PC420 PICKER-PC420 Datasheet
139Kb / 2P
20 Amp Subminature PCB Power Relay
PC333 PICKER-PC333_14 Datasheet
259Kb / 2P
12 Amp Subminature PCB Power Relay
PC415 PICKER-PC415_14 Datasheet
203Kb / 2P
10 AMP Subminature PCB Power Relay
PC835 PICKER-PC835_14 Datasheet
196Kb / 2P
10 Amp Subminature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com