Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC567 Datasheet(PDF) 2 Page - Picker Components

Part # PC567
Description  Ultraminiat ure Au tomotive PCB Twin Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC567 Datasheet(HTML) 2 Page - Picker Components

  PC567 Datasheet HTML 1Page - Picker Components PC567 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC567
PC567
COIL DATA
Coil Voltage
12
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Coil Power
Consumption
(W)
225
180
6.5
1.0
0.80
_
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Form A Unused Pin is Omitted
7.2
1.0
0.64
12 (H)
(8.4)
.331
(4.0)
.157
(4.8)
.189
(0.9)
.035
Wiring Diagram
Bottom View
(13.8)
.543
(15.4)
.606
(14.3)
.563
(3.5)
.138
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Drawings are 2X actual size
.039 (1.0) Dia. 2 Places
.063 (1.6) Dia. 3 Places
(8.2)
.323
(3.4)
.134



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com