Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC740 Datasheet(PDF) 2 Page - Picker Components

Part # PC740
Description  40 Amp Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC740 Datasheet(HTML) 2 Page - Picker Components

  PC740 Datasheet HTML 1Page - Picker Components PC740 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC740
PC740
COIL DATA
Coil Voltage
Resistance
ohms
Must Operate
Voltage Max.
Must Release
Voltage Min.
Voltage
Type
DC
AC
Coil
Power
6
12
24
48
60
110
6
9
12
18
120
220
14.4
57.6
230
920
1440
4840
2.3
5.2
9.2
20.6
36.7
147
770
3080
2.5 W
5.5 VA
4.5
9.0
18
36
82.5
45
9.6
14.4
19
38.4
88
176
0.6
1.2
2.4
4.8
11
1.8
2.7
3.6
5.4
7.2
14.4
33
66
PAGE 2
24
48
4.8
7.2
6.0
+ 10%
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
Tolerances + .010 unless otherwise noted
Note: Custom coil voltages within the ranges shown are available on special order.
2.175
(55.2)
A
B
2
6
4
1C
A
B
2
8
3
1
7
9
2C
3C
A
B
2
5
8
3
6
9
1
4
7
Wiring Diagrams
2.05
(52.0)
Dimensions in Inches (Millimeters)
1.60
(40.6)
1.50
(38.0)
.175
(4.45)
2.75
(70.0)
3.22
(81.8)
1.6
(40.6)
Top Flange Case
Code C3
Plain Case
Code C
Side Flange Case
Code C1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com