Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC782 Datasheet(PDF) 2 Page - Picker Components

Part # PC782
Description  Micro Automotive Plug In / PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC782 Datasheet(HTML) 2 Page - Picker Components

  PC782 Datasheet HTML 1Page - Picker Components PC782 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC782
PC782
Sales: (888) 997-3933, (972) 713-6272 Fax: (972) 735-0964 email: sales@pickercomponents.com www.pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
COIL DATA
Coil Voltage
6
12
Resistance (ohms
Nominal Operate
30 / 1.2W
120 / 1.2W
480 / 1.2W
7.8
31.2
0.6
2.4
24
+
Allowable Voltage Max.
1 Form A
1 Form C
1 Form A & C
1 Form C
A, C, U, W
1.2
15.6
7.8
31.2
15.6
4.2
16.8
8.4
24 / 1.5W
384 / 1.5W
96 / 1.5W
1 Form A
Voltage Max.
Nominal Release
Voltage Min.
(11.5)
.453
(8.0)
.315
(6.0)
.236
(4.5)
.177
(4.5)
.177
30
87
85 87a 86
(11.5)
.453
(8.0)
.315
(7.0)
.275
(4.5)
.177
(4.5)
.177
30
87
85 87a 86
(15.5)
.610
(26.0)
1.02
(23.0)
.906
(0.8)
.032 Typ.
(6.3)
.250
Terms. 30 & 87
(12.0)
.472
(4.8)
.189
Terms. 85, 86 & 87a
(5.7)
.224
(2.5)
.098
(2.2)
.087
Terms. 85, 86 & 87a
(2.5)
.098
Terms. 30 & 87
+ .010 unless otherwise noted
On Contact Forms A Unused Pins are Omitted
Make current of 120 Amps permissable with AgSnOInO contacts
In 85 degree C ambient reduce maximum coil voltage to 72%
Dimensions in Inches (millimeters)
Bottom View
PC Board Layout
Plug-In Type
PCB Type
30
87a
87
85
86
Wiring Diagram
Form 1C
(-)
(+)
30
87
85
86
Wiring Diagram
Form 1A
(-)
(+)
Reference Data
Switching Current (Amps)
Contact Switching Capacity
10%)
/ Coil Power (Watts)
1920 /1.2W
62.4
4.8
48
62.4
33.6
1536 / 1.5W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com