Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC786 Datasheet(PDF) 1 Page - Picker Components

Part # PC786
Description  60 Amp Automotive Plug-In Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC786 Datasheet(HTML) 1 Page - Picker Components

  PC786 Datasheet HTML 1Page - Picker Components PC786 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60 Amp Automotive Plug-In Power Relay
FEATURES
PC786
Max. Switching Voltage
16 VDC
1 Form A, 1 Form B or 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
10 ms. or less (without coil supression)
Release Time
Insulation Resistance
6 ms. or less (without coil supression)
100 megohms min, at 500VDC, 50%RH (Item 7 of IEC255-5)
Dielectric Strength
500 Vrms, 1 min. between coil and contacts (Item 6 of IEC255-5)
Shock Resistance
200m/ss 11ms (IEC-2-27 Test Ea)
Vibration Resistance
Power Consumption
1.6W approx.
Ambient Temperature Range
-40 to 125 degrees C operating
Weight
24 grams approx.
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PC786 Rev 0 6-3-07
PAGE 1
ORDERING INFORMATION
Example:
PC786
Model
-12
Parallel Component
-1C
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnInO (Silver Tin Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 10
7
1 X 10
5
Operations
Operations
Normally Open
Nil: None; D: Diode; R: Resistor
Coil Voltage
Contact Form
Max Switching Current
150 Amps
60 Amps
960 Watts
Max. Inrush Current
Minimum Load
0.1 A @ 12 VDC
-R
Drop Resistance
1 Meter height drop on concrete in final enclosure
Normally Closed
50 Amps
DA 1.27 mm, 10 - 40 Hz; 40-70 Hz: 5 g; DA 0.5mm, 70-100 Hz; 100-500 Hz: 10 g.
C
Enclosure: C: Dust Cover, S: Sealed (Avail 2008)
Contact Form
1A, 1B or 1C
ISO 280 footprint
1A, 1B & 1C contact forms available
Contact switching capacity 60 Amps
Inrush up to 150 Amps
Up to 125 degrees C operating temperature
Internal diodes or resistors available
Lead Free & RoHS Compliant
RoHS Compliant: Nil: Not RohS, -X: RoHS Compliant
-X
Contact Resistance
or Voltage Drop
100 mOhms
less than 50mV (Item 3.12 IEC255-7)
Max Switching Power


Similar Part No. - PC786

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC780 PICKER-PC780 Datasheet
541Kb / 2P
25/20 Amp Automotive Plug-In Micro ISO Relay
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
PC782 PICKER-PC782 Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782 Datasheet
362Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12C PICKER-PC7821A-12C Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
More results

Similar Description - PC786

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H Datasheet
239Kb / 3P
60/40 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795 Datasheet
251Kb / 3P
80/60 Amp Automotive Plug-In / PCB Power Relay
PC785 PICKER-PC785 Datasheet
427Kb / 2P
35 Amp Automotive Plug-In Power Relay
PC792H PICKER-PC792H_14 Datasheet
137Kb / 2P
60/40 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
80/60 Amp Automotive Plug-In / PCB Power Relay
PC796 PICKER-PC796 Datasheet
647Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC763 PICKER-PC763 Datasheet
812Kb / 2P
30 Amp Automotive Plug-In Power Relay
PC764 PICKER-PC764 Datasheet
812Kb / 2P
30 Amp Automotive Plug-In Power Relay
PC785 PICKER-PC785_17 Datasheet
544Kb / 2P
35 Amp Automotive Plug-In Power Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com