Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC792H Datasheet(PDF) 2 Page - Picker Components

Part # PC792H
Description  60/40 Amp Automotive Plug-In / PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC792H Datasheet(HTML) 2 Page - Picker Components

  PC792H Datasheet HTML 1Page - Picker Components PC792H Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC792H
PC792H
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
COIL DATA
Coil Voltage
6
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max. (85 Degrees C)
(VDC)
20
80
320
7.8
15.6
1.2
2.4
15.6
31.2
_
3.9
0.6
7.8
12
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(0.8 X 2.6)
.031 X .102
All Holes
Wiring Diagrams
Dimensions in Inches (millimeters)
Plug-In Type
Bottom View
PC Board Layout
Tolerances + .010 unless otherwise noted
Notes:
Maximum make current refers to inrush of a lamp load
In 85 degree C ambient reduce maximum coil voltage to 72%
Plug-In Case (C) and PCB Case (P)
(26.5)
1.043
(29.0)
1.142
(29.0)
1.142
(6.3)
.250
(11.5)
.453
(0.8)
.031
(22.0)
.866
(16.0)
.630
(26.5)
1.043
(6.0)
.236
(5.5)
.217 Dia.
(29.0)
1.142
(29.0)
1.142
(3.8)
.150
Molded Plastic Bracket (C1)
Form 1AA (2X25A)
Form 1A
Form 1C
Form 1U (2X25A)
87
87 A
30
85 (-)
86 (+)
87
87a
30
85 (-)
86 (+)
87
30
85 (-)
86 (+)
87
87b
30
85 (-)
86 (+)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com