Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7150 Datasheet(PDF) 2 Page - Picker Components

Part # PC7150
Description  150/100 Amp Automotive Plug-In / PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC7150 Datasheet(HTML) 2 Page - Picker Components

  PC7150 Datasheet HTML 1Page - Picker Components PC7150 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC7150
PC7150
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
COIL DATA
Coil Voltage
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(85 Degrees C)
(VDC)
50
195
7.8
15.6
1.2
2.4
15.6
31.2
_
12
+ .010 unless otherwise noted
30
87
85
86
Wiring Diagrams
(+)
(-)
30
87a
87
85
86
(+)
(-)
Form 1A
Form 1C
.650
(16.5)
.590
(15.0)
.210
(5.3)
DIA.
Metal Bracket Type
Dimensions in Inches (millimeters)
Plug-In Type
PCB Layout
Plug-In Case (C) and PCB Case (P)
(35.0)
1.378
(33.0)
1.300
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(7.6)
.300
(3.8)
.150
Holes for Pins 30, 87 & 87a
are 3 X .087 (2.2) by .063 (1.6)
Pins 85 & 86 are .079 (2.0) by .047 (1.2)
(6.3)
.250
(9.5)
.374
(15.2)
.598
(11.5)
.453
(35.0)
1.378
Bottom View
48
794
31.2
4.8
62.4
Coil Power
2.9 W
2.9 W
2.9 W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com