Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7511C2 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 7511C2
Description  Bright Pipes??Optical Lightpipes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

7511C2 Datasheet(HTML) 1 Page - Visual Communications Company

  7511C2 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
7511C & 7512D Series Bright Pipes™ Optical Lightpipes
Description and Features
• Precision engineered with ray tracing for bright, optically precise even
indication and attractive appearance.
• ESD protection from circuitry for exceptional reliability.
• High contrast and wide viewing angle for greater visibility.
• Available in a variety of colors for added contrast and aesthetics.
• Parts inserted after reflow to permit LED pad inspection before assembly.
• Compliance to UL94V-O.
• Low profile for height constrained applications.
• Large lens provides high visibility.
• 7511C features 3mm dome and is designed for use with 7012X Bright
Chips™ SMT LEDs.
• 7512D is designed for use with 67-21 and 67-22 Bright Chip LEDs.
Refer to “Mounting Hole Pattern 2.pdf”
All dimensionsin inches.
.183
CHARMILLE #24
MATTEFINISH
.415
.094
.490
.140
.360
.310
Ø.120
.154
.130
.080
.120
.070
.100
.030
.614
(12)
.472
.200
.106
Ø.140
.506
.161
.210
.170
(2)
.080
R .75 0
7512D
7511C
7512D2
CLEAR
7511C2
CLEAR
MODEL
OUTPUT COLOR


Similar Part No. - 7511C2

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7511C2 CML-7511C2 Datasheet
25Kb / 1P
Bright Pipes Optical Lightpipes
More results

Similar Description - 7511C2

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7511C CML-7511C Datasheet
25Kb / 1P
Bright Pipes Optical Lightpipes
7611D2-L CML-7611D2-L Datasheet
22Kb / 1P
Bright Pipes Optical Lightpipes
7514B CML-7514B Datasheet
74Kb / 1P
Bright Pipes Optical Lightpipes
logo
Visual Communications C...
7511A85 VCC-7511A85 Datasheet
133Kb / 1P
Bright Pipes??Optical Lightpipes
7511A87 VCC-7511A87 Datasheet
119Kb / 1P
Bright Pipes??Optical Lightpipes
7513D2-L VCC-7513D2-L Datasheet
106Kb / 1P
Bright Pipes??Optical Lightpipes
7513D2-S VCC-7513D2-S Datasheet
101Kb / 1P
Bright Pipes Optical Lightpipes
7514B VCC-7514B Datasheet
160Kb / 1P
Bright Pipes Optical Lightpipes
7610D2 VCC-7610D2 Datasheet
99Kb / 1P
Bright Pipes Optical Lightpipes
7611D2-L VCC-7611D2-L Datasheet
121Kb / 1P
Bright Pipes Optical Lightpipes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com