Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLF280GLO Datasheet(PDF) 1 Page - Visual Communications Company

Part # CLF280GLO
Description  HEIGHT FRESNEL LENS 5MM ROUND STANDARD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CLF280GLO Datasheet(HTML) 1 Page - Visual Communications Company

  CLF280GLO Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL
ORDERING CODE :
CLF 280 XXX
4-23-10
CLF 280 XXX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
4-23-10
SMU
DZ
HEIGHT FRESNEL LENS
VISUAL COMMUNICATIONS COMPANY, INC. ANY
BREAK ALL CORNERS AND SHARP
PROHIBITED.
DRAWN:
CHECKED:
TITLE:
B
DWG. NO.
SCALE: 1:1
REV
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
THE INFORMATION CONTAINED IN THIS
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
FINISH
VISUAL COMMUNICATIONS COMPANY, INC.
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
APPROVAL
DRAWING IS THE SOLE PROPERTY OF
EDGES .030 MAX
WITHOUT THE WRITTEN PERMISSION OF
REPRODUCTION IN PART OR AS A WHOLE
SHEET 1 OF 1
1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5MM ROUND STANDARD
001
ASSEMBLY
PANEL
LENS
DISPLAY
LED
10.92mm
.430
7.11mm
.280
.215
5.47mm
.125
3.18mm
.250
6.35mm
REV.
.002 [
UL 94-V2
DESCRIPTION
POLYCARBONATE,
SEE NOTES
GLO Series- Polycarbonate & Acrylic blend
DATE
3.
INITIALS
MATERIAL: Polycarbonate, UL 94-V2
2.
ASSEMBLY: Insert lens through panel hole, and insert LED into lens.
chamfered.
Panel thickness .063 [1.6mm] to .125 [3.17mm]. Panel hole should be deburred, but not
1.
.05] panel hole on .375 [9.5mm] centers.
6.35mm
REVISIONS
ECN#
SMU
U.S. & Foreign Pat. Issued & Pend.
4.
4-23-10
REVISED PER ECR111009AZ01
001
JG
1-6-09
ADD GLO SERIES
1
NOTES:
MOUNTING: Mounts in a
.250
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
GLO
WHITE TRANSLUCENT


Similar Part No. - CLF280GLO

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLF280GLO VCC-CLF280GLO Datasheet
90Kb / 1P
5MM ROUND STANDARD HEIGHT FRESNEL LENS
More results

Similar Description - CLF280GLO

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLF280RTP VCC-CLF280RTP Datasheet
90Kb / 1P
5MM ROUND STANDARD HEIGHT FRESNEL LENS
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CMC441RTP VCC-CMC441RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS
CMS442RTP VCC-CMS442RTP Datasheet
88Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CMS444RTP VCC-CMS444RTP Datasheet
87Kb / 1P
5MM ROUND STANDARD THREADED FRESNEL LENS WITH SEAL
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CMC-441 VCC-CMC-441 Datasheet
88Kb / 1P
THREADED FRESNEL LENS 5MM ROUND STANDARD
CMS-442 VCC-CMS-442 Datasheet
88Kb / 1P
WITH SEAL 5MM ROUND STANDARD THREADED FRESNEL LENS
SML190 VCC-SML190 Datasheet
81Kb / 1P
HEIGHT FRESNEL LENS 3MM ROUND STANDARD
SQL360 VCC-SQL360 Datasheet
76Kb / 1P
HEIGHT FRESNEL LENS 5MM SQUARE STANDARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com