Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF52 Datasheet(PDF) 1 Page - Formosa MS

Part # SF52
Description  5.0 AMP SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF52 Datasheet(HTML) 1 Page - Formosa MS

  SF52 Datasheet HTML 1Page - Formosa MS SF52 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.0 AMP SUPER FAST RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
5.0
150
5.0
50
50
-65
+150
A
A
V
mA
mA
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 1.10 grams
SF51 THRU SF57
35
* Good for switching mode application
VOLTAGE RANGE
50 to 600 Volts
CURRENT
5.0 Amperes
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
SF51
SF52
SF53
SF54
SF55
SF56
SF57 UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
0.95
1.25
1.50
Operating and Storage Temperature Range TJ, TSTG
C


Similar Part No. - SF52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF52 MOSPEC-SF52 Datasheet
127Kb / 2P
POWER RECTIFIERS(5.0A, 50-400V)
logo
Won-Top Electronics
SF52 WTE-SF52 Datasheet
47Kb / 3P
5.0A SUPER-FAST RECTIFIER
logo
Rectron Semiconductor
SF52 RECTRON-SF52 Datasheet
28Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 5.0 Amperes)
logo
Bytes
SF52 BYTES-SF52 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF52 DCCOM-SF52 Datasheet
475Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
More results

Similar Description - SF52

ManufacturerPart #DatasheetDescription
logo
Bytes
SF51 BYTES-SF51 Datasheet
161Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF51 UNIOHM-SF51 Datasheet
70Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF51 LUGUANG-SF51 Datasheet
185Kb / 2P
5.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF51 GWSEMI-SF51 Datasheet
71Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
SF51G GWSEMI-SF51G Datasheet
72Kb / 2P
5.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
SMU51B GWSEMI-SMU51B Datasheet
68Kb / 2P
5.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMU51C GWSEMI-SMU51C Datasheet
68Kb / 2P
5.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES5A DGNJDZ-ES5A Datasheet
982Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
SF51 DGNJDZ-SF51 Datasheet
225Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF51 YIXIN-SF51 Datasheet
260Kb / 2P
5.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com