Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVL640 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CVL640
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CVL640 Datasheet(HTML) 1 Page - Continental Device India Limited

  CVL640 Datasheet HTML 1Page - Continental Device India Limited CVL640 Datasheet HTML 2Page - Continental Device India Limited CVL640 Datasheet HTML 3Page - Continental Device India Limited CVL640 Datasheet HTML 4Page - Continental Device India Limited CVL640 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
CVL639
NPN
CVL640
PNP
TO-92
Plastic Package
Driver Stages of Audio Amplifier Application
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
UNITS
Collector Base Voltage
V
Collector Emitter Voltage
V
Emitter Base Voltage
V
Collector Current Continuous
A
Collector Current Peak
A
Base Current Continuous
mA
Base Current Peak
mA
Power Dissipation @ Ta=25ºC
W
Power Dissipation @ Ta=25ºC
W
Power Dissipation @ Tc=25ºC
W
Operating and Storage Junction
Temperature Range
ºC
*Transistors mounted on printed circuit board. Lead Length 4mm, mounting pad for collector lead min
10mm x 10 mm, copper
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
V
Collector Cut Off Current
ICBO
VCB=30V, IE=0
100
nA
VCB=30V, IE=0, Ta=125ºC
10
µA
Base Emitter On Voltage
*VBE (on)
IC=500mA, VCE=2V
1.0
V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=500mA, IB=50mA
0.5
V
DC Current Gain
hFE
IC=5mA, VCE=2V
*IC=150mA, VCE=2V
*IC=500mA, VCE=2V
*Pulse test: Pulse Width <300
µµs, Duty Cycle<2%
CVL639/640 Rev210405E
100
200
25
80
15
PD
*PD
PD
0.8
1.0
SYMBOL
VALUE
150
135
VCBO
VCEO
VEBO
IC
1.0
- 65 to +150
5.0
2.0
ICM
IBM
IB
1.5
Tj, Tstg
MIN
135
5.0
150
C B
E
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CVL640

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
CVL-WB2 MOBILEMARK-CVL-WB2 Datasheet
320Kb / 1P
COMPACT COVERT 5G/LTE ANTENNA
05/2022
CVL-WB2-7C-BLK-96 MOBILEMARK-CVL-WB2-7C-BLK-96 Datasheet
320Kb / 1P
COMPACT COVERT 5G/LTE ANTENNA
05/2022
CVL-WLF-2C-BLK-36 MOBILEMARK-CVL-WLF-2C-BLK-36 Datasheet
260Kb / 1P
Covert Antenna, LTE Broadband 694-2700 MHz
9/2018
CVL-WLF-2C-BLK-96 MOBILEMARK-CVL-WLF-2C-BLK-96 Datasheet
260Kb / 1P
Covert Antenna, LTE Broadband 694-2700 MHz
9/2018
logo
M/A-COM Technology Solu...
CVL2S57-9MM MA-COM-CVL2S57-9MM Datasheet
227Kb / 2P
1550nm Pulsed Laser Diodes
More results

Similar Description - CVL640

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com