Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTU83 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # CTU83
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CTU83 Datasheet(HTML) 3 Page - Continental Device India Limited

  CTU83 Datasheet HTML 1Page - Continental Device India Limited CTU83 Datasheet HTML 2Page - Continental Device India Limited CTU83 Datasheet HTML 3Page - Continental Device India Limited CTU83 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CTU83
TO-92
Plastic Package
0
TO-92 Tape and Ammo Pack
Adhesive Tape on Top Side
Flat side
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
Label
Carrier
Strip
186
(7.3")
332
(13
")
FEE
D
43
(1.7")
Ammo Pack Style
Tape Mechanical Data
A
A1
P
(p)
C1
C2
W2
Do
F2
F
P2
Po
F1
W1
Wo
W
H1
H2
H3
L
Ho
h1
h1
T
h
t
t1
h
ITEM
SYMBOL
SPECIFICATION
PULL - OUT FORCE
(p)
6N
MIN. NOM.
BODY WIDTH
A1
4.0
4.8
BODY HEIGHT
A
4.8
5.2
BODY THICKNESS
T
3.9
4.2
COMPONENT ALIGNMENT SIDE VIEW
h
0
1.0
COMPONENT ALIGNMENT FRONT VIEW
h1
0
1.3
COMPONENT HEIGHT
H1
23.25
LENGTH OF SNIPPED LEADS
L
11.0
TOTAL TAPE THICKNESS
t
1.2
CLINCH HEIGHT
H3
3.0
LEAD PARALLELISM
| C1 - C2 |
0.22
MAX.
PITCH OF COMPONENT
P
12.7
± 1.0
FEED HOLE PITCH
Po
12.7
± 0.3
FEED HOLE CENTRE TO
COMPONENT CENTRE
P2
6.35
± 0.4
DISTANCE BETWEEN OUTER
LEADS
F
5.08
+ 0.6
- 0.2
TAPE WIDTH
W
18
± 0.5
HOLD-DOWN TAPE WIDTH
Wo
6
± 0.2
HOLE POSITION
W1
9
+ 0.7
- 0.5
HOLD-DOWN TAPE POSITION
W2
0.5
± 0.2
LEAD WIRE CLINCH HEIGHT
Ho
16
± 0.5
FEED HOLE DIAMETER
Do
4
± 0.2
LEAD - TO - LEAD DISTANCE
F1, F2
2.54
+ 0.4
STAND OFF
H2
0.45
1.45
TOL .
- 0.1
All dimensions are in mm
3
*
4
*
5
*
1
*
*2
At top of body
3
*
At top of body
4
*
t1 0.3 – 0.6 mm
5
*
Cumulative pitch error 1.0 mm/20 pitch
1
*
*2 To be measured at bottom of clinch
REMARKS
NOTES
1.
2.
3.
4.
5.
6.
Maximum alignment deviation between
leads will not to be greater than 0.2mm.
Maximum non-cumulative variation
between tape feed holes shall not
exceed 1 mm in 20 pitches.
Holddown tape will not exceed beyond
the edge(s) of carrier tape and there
shall be no exposure of adhesive.
There will be no more than three (3)
consecutive missing components in a
tape.
A tape trailer, having at least three feed
holes are provided after the last
component in a tape.
Splices should not interfere with the
sprocket feed holes.
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com