Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL100S Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CL100S
Description  NPN/PNP SILICON PLANAR TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CL100S Datasheet(HTML) 1 Page - Continental Device India Limited

  CL100S Datasheet HTML 1Page - Continental Device India Limited CL100S Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN/PNP SILICON PLANAR TRANSISTORS
CL100S NPN
CK100S PNP
TO-39
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
50
V
Collector -Base Voltage
VCBO
60
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
ICM
1.0
A
Power Dissipation @ Ta=25 deg C
PD
800
mW
Derate Above 25 deg C
5.33
mW/deg C
Power Dissipation @ Tc=25 deg C
PD
3.0
W
Derate Above 25 deg C
20
mW/deg C
Operating & Storage Junction
Tj, Tstg
-55 to +175
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector -Emitter Voltage
VCEO
IC=1mA, IB=0
50
-
V
Collector -Base Voltage
VCBO
IC=100uA, IE=0
60
-
-
V
Emitter Base Voltage
VEBO
IE=100uA, IC=0
5.0
V
Collector Cut off Current
ICBO
VCB=40V, IE=0
-
-
1.0
uA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
1.0
uA
DC Current Gain
hFE*
2mA, VCE=5V
20
-
-
Collector -Emitter (sat) Voltage
VCE(sat)*
IC=150mA, IB=15mA
-
0.60
V
*Pulse Condition : Pulse Width =300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CL100S

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CL100 CDIL-CL100 Datasheet
47Kb / 3P
NPN SILICON PLANAR TRANSISTORS
CL100A CDIL-CL100A Datasheet
47Kb / 3P
NPN SILICON PLANAR TRANSISTORS
CL100B CDIL-CL100B Datasheet
47Kb / 3P
NPN SILICON PLANAR TRANSISTORS
logo
Wabash Transformer Inc.
CL100K01-000 WABASH-CL100K01-000 Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
CL100K01-0CT WABASH-CL100K01-0CT Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
More results

Similar Description - CL100S

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Continental Device Indi...
2N4400 CDIL-2N4400 Datasheet
153Kb / 6P
NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Sanyo Semicon Device
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
Continental Device Indi...
CSA931 CDIL-CSA931 Datasheet
177Kb / 2P
PNP/NPN COMPLEMENTARY PLANAR SILICON TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MMBT5451DW SEMTECH_ELEC-MMBT5451DW Datasheet
410Kb / 6P
NPN/PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com